Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UJA1065 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # UJA1065
Description  High-speed CAN/LIN fail-safe system basis chip
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1065 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button UJA1065 Datasheet HTML 19Page - NXP Semiconductors UJA1065 Datasheet HTML 20Page - NXP Semiconductors UJA1065 Datasheet HTML 21Page - NXP Semiconductors UJA1065 Datasheet HTML 22Page - NXP Semiconductors UJA1065 Datasheet HTML 23Page - NXP Semiconductors UJA1065 Datasheet HTML 24Page - NXP Semiconductors UJA1065 Datasheet HTML 25Page - NXP Semiconductors UJA1065 Datasheet HTML 26Page - NXP Semiconductors UJA1065 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
9397 750 14409
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Objective data sheet
Rev. 01 — 10 August 2005
23 of 67
Philips Semiconductors
UJA1065
High-speed CAN/LIN fail-safe system basis chip
6.8.1.1
Active mode
In Active mode the LIN transceiver can transmit data to and receive data from the LIN bus.
To enter Active mode the LMC bit must be set in the Physical Layer register and the SBC
must be in Normal mode or Flash mode.
The LTC bit can be used to set the LIN transceiver to a Listen-only mode. The transmitter
output stage is disabled in this mode.
When leaving Active mode the LIN transmitter is disabled and the LIN receiver is
monitoring the LIN-bus for a valid wake-up.
6.8.1.2
Off-line mode
Off-line mode is the low power mode of the LIN transceiver. The LIN transceiver is
disabled to save supply current. Pin RXDL reflects any wake-up event at the LIN-bus.
6.8.2 LIN wake-up
For a remote wake-up via LIN a LIN-bus signal is required as shown in Figure 11.
6.8.3 Termination control
The RTLIN pin is in one of 3 different states: RTLIN = on, RTLIN = off or RTLIN = 75
µA;
see Figure 12.
Fig 11. LIN wake-up timing diagram.
001aad447
tBUS(LIN)
LIN
wake-up


Similar Part No. - UJA1065

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1065TW NXP-UJA1065TW Datasheet
470Kb / 76P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
More results

Similar Description - UJA1065

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1066 NXP-UJA1066 Datasheet
473Kb / 70P
   High-speed CAN fail-safe system basis chip
Rev. 03-17 March 2010
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
   High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com