Electronic Components Datasheet Search |
|
UJA1065 Datasheet(PDF) 12 Page - NXP Semiconductors |
|
UJA1065 Datasheet(HTML) 12 Page - NXP Semiconductors |
12 / 67 page 9397 750 14409 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Objective data sheet Rev. 01 — 10 August 2005 12 of 67 Philips Semiconductors UJA1065 High-speed CAN/LIN fail-safe system basis chip From Start-up mode the application software now has to enter Flash mode within tWD(init) by writing Operating Mode code 011 to the Mode register. This feeds back a successfully received hardware reset (handshake between the SBC and the microcontroller). The transition from Start-up mode to Flash mode is possible only once after completing the Flash entry sequence. The application can also decide not to enter Flash mode but to return to Normal mode by using the Operating Mode code 101 for handshaking. This erases the Flash mode entry sequence. The watchdog behavior in Flash mode is similar to its time-out behavior in Standby mode, but Operating Mode code 111 must be used for serving the watchdog. If this code is not used or if the watchdog overflows, the SBC immediately forces a reset and enters Start-up mode. Flash mode is properly exited using the Operating Mode code 110 (leave Flash mode), which results in a system reset with the corresponding reset source information. Other Mode register codes will cause a forced reset with reset source code ‘illegal Mode register code’. 6.3 On-chip oscillator The on-chip oscillator provides the clock signal for all digital functions and is the timing reference for the on-chip watchdog and the internal timers. If the on-chip oscillator frequency is too low or the oscillator is not running at all, there is an immediate transition to Fail-safe mode. The SBC will stay in Fail-safe mode until the oscillator has recovered to its normal frequency and the system receives a wake-up event. 6.4 Watchdog The watchdog provides the following timing functions: • Start-up mode; needed to give the software the opportunity to initialize the system • Window mode; detects too early and too late accesses in Normal mode • Time-out mode; detects a too late access, can also be used to restart or interrupt the microcontroller from time to time (cyclic wake-up function) • OFF mode; fail-safe shut-down during operation thus preventing any blind spots in the system supervision The watchdog is clocked directly by the on-chip oscillator. To guarantee fail-safe control of the watchdog via the SPI, all watchdog accesses are coded with redundant bits. Therefore, only certain codes are allowed for a proper watchdog service. The following corrupted watchdog accesses result in an immediate system reset: • Illegal watchdog period coding; only ten different codes are valid • Illegal operating mode coding; only six different codes are valid Any microcontroller driven mode change is synchronized with a watchdog access by reading the mode information and the watchdog period information from the same register. This enables an easy software flow control with defined watchdog behavior when switching between different software modules. |
Similar Part No. - UJA1065 |
|
Similar Description - UJA1065 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |