Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UJA1065 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # UJA1065
Description  High-speed CAN/LIN fail-safe system basis chip
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1065 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button UJA1065 Datasheet HTML 59Page - NXP Semiconductors UJA1065 Datasheet HTML 60Page - NXP Semiconductors UJA1065 Datasheet HTML 61Page - NXP Semiconductors UJA1065 Datasheet HTML 62Page - NXP Semiconductors UJA1065 Datasheet HTML 63Page - NXP Semiconductors UJA1065 Datasheet HTML 64Page - NXP Semiconductors UJA1065 Datasheet HTML 65Page - NXP Semiconductors UJA1065 Datasheet HTML 66Page - NXP Semiconductors UJA1065 Datasheet HTML 67Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
9397 750 14409
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Objective data sheet
Rev. 01 — 10 August 2005
64 of 67
Philips Semiconductors
UJA1065
High-speed CAN/LIN fail-safe system basis chip
[4]
These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the
solder cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink
on the top side, the solder might be deposited on the heatsink surface.
[5]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[6]
Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[7]
Wave soldering is suitable for SSOP, TSSOP, VSO and VSSOP packages with a pitch (e) equal to or larger
than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
[8]
Image sensor packages in principle should not be soldered. They are mounted in sockets or delivered
pre-mounted on flex foil. However, the image sensor package can be mounted by the client on a flex foil by
using a hot bar soldering process. The appropriate soldering profile can be provided on request.
[9]
Hot bar soldering or manual soldering is suitable for PMFP packages.


Similar Part No. - UJA1065

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1065TW NXP-UJA1065TW Datasheet
470Kb / 76P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
More results

Similar Description - UJA1065

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1066 NXP-UJA1066 Datasheet
473Kb / 70P
   High-speed CAN fail-safe system basis chip
Rev. 03-17 March 2010
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
   High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com