Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-193K-600 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-193K-600
Description  Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-193K-600 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-193K-600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-193K-600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-193K-600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-193K-600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-193K-600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-193K-600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-193K-600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-193K-600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-193K-600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DC specifications are compatible
with TTL logic and are guaranteed
from -55
°C to +125°C allowing
trouble-free interfacing with
digital logic circuits. An input
current of 10 mA will sink a six
gate fan-out (TTL) at the output
with a typical propagation delay
from input to output of only
45 nsec.
All devices are manufactured and
tested on a MIL-PRF-38534
certified line and are included in
the DSCC Qualified Manufac-
turers List QML-38534 for Hybrid
Microcircuits.
Each unit contains two indepen-
dent channels, consisting of a
GaAsP light emitting diode, an
input current regulator, and an
integrated high gain photon
detector. The input regulator
serves as a line termination for
line receiver applications. It
clamps the line voltage and
regulates the LED current so line
reflections do not interfere with
circuit performance. The regulator
allows a typical LED current of
12.5 mA before it starts to shunt
excess current. The output of the
detector IC is an open collector
Schottky clamped transistor. An
enable input gates the detector.
The internal detector shield
provides a guaranteed common
mode transient immunity specifi-
cation of +1000 V/
µsec.
Selection Guide–Package Styles and Lead
Configuration Options
Agilent Part # and Options
Commercial
HCPL-1930
MIL-PRF-38534 Class H
HCPL-1931
MIL-PRF-38534 Class K
HCPL-193K
Standard Lead Finish
Gold
Solder Dipped
Option #200
Butt Joint/Gold Plate
Option #100
Gull Wing/Soldered
Option #300
Crew Cut/Gold Plate
Option #600
Class H SMD Part #
Prescript for all below
5962-
Either Gold or Soldered
8957201EX
Gold Plate
8957201EC
Solder Dipped
8957201EA
Butt Joint/Gold Plate
8957201YC
Butt Joint/Soldered
8957201YA
Gull Wing/Soldered
8957201XA
Crew Cut/Gold Plate
Available
Crew Cut/Soldered
Available
Class K SMD Part #
Prescript for all below
5962-
Either Gold or Soldered
8957202KEX
Gold Plate
8957202KEC
Solder Dipped
8957202KEA
Butt Joint/Gold Plate
8957202KYC
Butt Joint/Soldered
8957202KYA
Gull Wing/Soldered
8957202KXA


Similar Part No. - HCPL-193K-600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
HCPL-193K AVAGO-HCPL-193K Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-193K BOARDCOM-HCPL-193K Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
More results

Similar Description - HCPL-193K-600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS2323 TI-SN74LS2323 Datasheet
311Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
   Dual Line Receiver
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
   Dual Line Receiver
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140 TI1-SN75140_14 Datasheet
718Kb / 18P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
   Dual Line Receiver
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
   Dual Line Receiver
logo
Texas Instruments
DS7820A TI1-DS7820A_11 Datasheet
293Kb / 10P
[Old version datasheet]   Dual Line Receiver
logo
National Semiconductor ...
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
   Dual Line Receiver
February 1996
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com