Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4040A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HC4040A
Description  12-Stage Binary Ripple Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4040A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC4040A Datasheet HTML 1Page - ON Semiconductor MC74HC4040A Datasheet HTML 2Page - ON Semiconductor MC74HC4040A Datasheet HTML 3Page - ON Semiconductor MC74HC4040A Datasheet HTML 4Page - ON Semiconductor MC74HC4040A Datasheet HTML 5Page - ON Semiconductor MC74HC4040A Datasheet HTML 6Page - ON Semiconductor MC74HC4040A Datasheet HTML 7Page - ON Semiconductor MC74HC4040A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74HC4040A
http://onsemi.com
3
DC CHARACTERISTICS (Voltages Referenced to GND)
Symbol
Unit
Guaranteed Limit
VCC
V
Condition
Parameter
Symbol
Unit
≤125°C
≤85°C
–55 to 25
°C
VCC
V
Condition
Parameter
Vin = VIH or VIL
|Iout| ≤ 2.4mA
|Iout| ≤ 4.0mA
|Iout| ≤ 5.2mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0µA
6.0
4
40
160
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book
(DL129/D).
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
VCC
Guaranteed Limit
Symbol
Parameter
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
2.0
3.0
4.5
6.0
10
15
30
50
9.0
14
28
45
8.0
12
25
40
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q1*
(Figures 1 and 4)
2.0
3.0
4.5
6.0
96
63
31
25
106
71
36
30
115
88
40
35
ns
tPHL
Maximum Propagation Delay, Reset to Any Q
(Figures 2 and 4)
2.0
3.0
4.5
6.0
45
30
30
26
52
36
35
32
65
40
40
35
ns
tPLH,
tPHL
Maximum Propagation Delay, Qn to Qn+1
(Figures 3 and 4)
2.0
3.0
4.5
6.0
69
40
17
14
80
45
21
15
90
50
28
22
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
15
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High–Speed CMOS Data Book (DL129/D).
* For TA = 25°C and CL = 50 pF, typical propagation delay from Clock to other Q outputs may be calculated with the following equations:
VCC = 2.0 V: tP = [93.7 + 59.3 (n–1)] ns
VCC = 4.5 V: tP = [30.25 + 14.6 (n–1)] ns
VCC = 3.0 V: tP = [61.5 + 34.4 (n–1)] ns
VCC = 6.0V: tP = [24.4 + 12 (n–1)] ns
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Package)*
31
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC4040A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
114Kb / 10P
   12?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
MC74HC4040AD ONSEMI-MC74HC4040AD Datasheet
114Kb / 10P
   12?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
MC74HC4040ADG ONSEMI-MC74HC4040ADG Datasheet
114Kb / 10P
   12?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
MC74HC4040ADG ONSEMI-MC74HC4040ADG Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
More results

Similar Description - MC74HC4040A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040_15 Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com