Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M5M5W816WG-85L Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. M5M5W816WG-85L
Description  8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M5M5W816WG-85L Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUBISHI ELECTRIC
M5M5W816WG -85L, 10L, 85H, 10H
-85LI, 10LI, 85HI, 10HI
1999.1.15
Ver. 0.1
8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change
S2
(Note3)
(Note3)
tsu (S2)
ten (W)
5
ta(A)
ta(BC1)
tv (A)
tdis (BC1) or tdis (BC1)
ta (OE)
ten (OE)
tdis (OE)
tCR
th (D)
tsu (D)
DQ1~16
tsu (BC1) or tsu(BC2)
ten(OE)
tdis(OE)
tw (W)
trec (W)
tsu (A)
tdis (W)
tCW
ten (S1)
W = "H" level
A0~18
DQ1~16
A0~18
OE
OE
W
(4)TIMING DIAGRAMS
Read cycle
(Note3)
(Note3)
(Note3)
(Note3)
VALID DATA
Write cycle ( W control mode )
DATA IN
STABLE
(Note3)
(Note3)
ta(S1)
tdis (S1)
S1
(Note3)
(Note3)
BC1,BC2
ta(BC2)
or
ten (BC2)
ten (BC1)
tsu (A-WH)
S1
(Note3)
(Note3)
tsu (S1)
BC1,BC2
ta(S2)
tdis (S2)
S2
(Note3)
(Note3)
ten (S2)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn