Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1515 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS1515
Description  HDTV Serial Digital Reclocker
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1515 Datasheet(HTML) 4 Page - Gennum Corporation

  GS1515 Datasheet HTML 1Page - Gennum Corporation GS1515 Datasheet HTML 2Page - Gennum Corporation GS1515 Datasheet HTML 3Page - Gennum Corporation GS1515 Datasheet HTML 4Page - Gennum Corporation GS1515 Datasheet HTML 5Page - Gennum Corporation GS1515 Datasheet HTML 6Page - Gennum Corporation GS1515 Datasheet HTML 7Page - Gennum Corporation GS1515 Datasheet HTML 8Page - Gennum Corporation GS1515 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
522 - 23 - 01
4
PIN CONNECTIONS
Jitter Peaking
Loop Bandwidth approximately
1.41MHz at 0.2UI input jitter
modulation
-0.05-
dB
4
Loop Bandwidth approximately
129kHz at 0.2UI input jitter
modulation
-0.05-
dB
4
Phaselock Unlock Timer
10nF PLCAP
-
67
-
µs
2, 4
NOTES
1. 100% Tested at 25°C
2. Guaranteed by Design
3. Correlated Value
4. Using EB1515
AC ELECTRICAL CHARACTERISTICS (continued)
VCC = +5 V, TA = 0 °C to 70 °C unless otherwise specified
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
44
43
42
41
40
39
38
37
36
35
34
12
13
14
15
16
17
18
19
20
21
22
GS1515
TOP VIEW
NC
CD_VCC
NC
R
SET
NC
CD_VEE
NC
PD_VEE
NC
NC
PD_VCC
NC
LFS
NC
NC
LFA_VEE
NC
NC
LFA_VCC
NC
NC
LFA


Similar Part No. - GS1515

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1510-CQR GENNUM-GS1510-CQR Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
logo
DAESAN ELECTRONIC CORP.
GS1510FL DAESAN-GS1510FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1510FL-AU PANJIT-GS1510FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
logo
Gennum Corporation
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results

Similar Description - GS1515

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
Gennum Corporation
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com