Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N60 Datasheet(PDF) 3 Page - Littelfuse

Part # 1N60
Description  Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1N60 Datasheet(HTML) 3 Page - Littelfuse

  1N60 Datasheet HTML 1Page - Littelfuse 1N60 Datasheet HTML 2Page - Littelfuse 1N60 Datasheet HTML 3Page - Littelfuse 1N60 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicon Avalanche Diodes
319
www .littelfuse .com
6
1N6036*
1N6036A*
1N6037*
1N6037A*
1N6038
1N6038A
1N6039
1N6039A
1N6040*
1N6040A*
1N6041*
1N6041A*
1N6042
1N6042A
1N6043
1N6043A
1N6044
1N6044A
1N6045*
1N6045A*
1N6046
1N6046A
1N6047
1N6047A
1N6048
1N6048A
1N6049*
1N6049A*
1N6050
1N6050A
1N6051*
1N6051A*
1N6052
1N6052A
5.5
6.0
6.5
7.0
7.0
7.5
8.0
8.5
8.5
9.0
9.0
10.0
10.0
11.0
11.0
12.0
12.0
13.0
14.0
15.0
16.0
17.0
17.0
18.0
19.0
20.0
21.0
22.0
24.0
25.0
26.0
28.0
29.0
30.0
MIN
6.75
7.13
7.38
7.79
8.19
8.65
9.00
9.50
9.90
10.50
10.80
11.40
11.70
12.40
13.50
14.30
14.40
15.20
16.20
17.10
18.00
19.00
19.80
20.90
21.60
22.80
24.30
25.70
27.00
28.50
29.70
31.40
32.40
34.20
MAX
8.25
7.88
9.02
8.61
10.00
9.55
11.00
10.50
12.10
11.60
13.20
12.60
14.30
13.70
16.50
15.80
17.60
16.80
19.80
18.90
22.00
21.00
24.20
23.10
26.40
25.20
29.70
28.40
33.00
31.50
36.30
34.70
39.60
37.80
(mA)
10
10
10
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1000.0
1000.0
500.0
500.0
200.0
200.0
50.0
50.0
10.0
10.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
11.7
11.3
12.5
12.1
13.8
13.4
15.0
14.5
16.2
15.6
17.3
16.7
19.0
18.2
22.0
21.2
23.5
22.5
26.5
25.2
29.1
27.7
31.9
30.6
34.7
33.2
39.1
37.5
43.5
41.4
47.7
45.7
52.0
49.9
128.0
132.0
120.0
124.0
109.0
112.0
100.0
103.0
93.0
96.0
87.0
90.0
79.0
82.0
68.0
71.0
64.0
67.0
56.5
59.5
51.5
54.0
47.0
49.0
43.0
45.0
38.5
40.0
34.5
36.0
31.5
33.0
29.0
30.0
Suffix ‘A’ denotes 5% tolerance device, no suffix denotes a 10% tolerance device.
* Preferred voltages.
5.0
5.0
5.0
5.0
7.0
7.0
7.0
7.0
8.0
8.0
9.0
9.0
10.0
10.0
11.0
12.0
12.0
13.0
14.0
15.0
17.0
18.0
19.0
20.0
24.0
24.0
27.0
28.0
36.0
31.0
32.0
34.0
36.0
37.0
Part
Number
Reverse
Stand Off
Voltage
VR
(Volts)
Breakdown
Voltage
VBR (Volts) @ IT
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
Max
Voltage
Temperature
Variation
of VBR (mV/°C)
1N60 Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
1500 Watt Metal Axial Leaded Transient Voltage Suppressors
®


Similar Part No. - 1N60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N60 ETC-1N60 Datasheet
71Kb / 1P
   GOLD BONDED GERMANIUM DIODE
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
1N60 ZSELEC-1N60 Datasheet
434Kb / 6P
   N-CHANNEL MOSFET
logo
List of Unclassifed Man...
1N60 ETC1-1N60 Datasheet
41Kb / 1P
   JEDEC DO-7 PACKAGE
logo
Tiger Electronic Co.,Lt...
1N60 TGS-1N60 Datasheet
127Kb / 1P
   600V N-Channel MOSFET
More results

Similar Description - 1N60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
SA5.0A LITTELFUSE-SA5.0A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
15KE68 LITTELFUSE-15KE68 Datasheet
92Kb / 3P
   1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
SLD16U-017 LITTELFUSE-SLD16U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com