Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-B04G-MM000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HDSP-B04G-MM000
Description  18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-B04G-MM000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDSP-B04G-MM000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-B04G-MM000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-B04G-MM000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-B04G-MM000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-B04G-MM000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-B04G-MM000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-B04G-MM000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-B04G-MM000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Package Dimensions
18:88 0.56" Four Digit Display
Pin Configuration
Function
Pin
HDSP-B01G/B03G/B05G/B07G/B09G
HDSP-B02G/B04G/B06G/B08G/B10G
1
Anode E
Cathode E
2
Anode D
Cathode D
3
Anode DP
Cathode DP
4
Anode C
Cathode C
5
Anode G
Cathode G
6
Digit 4 Common Cathode
Digit 4 Common Anode
7
Anode B
Cathode B
8
Digit 3 Common Cathode
Digit 3 Common Anode
9
Digit 2 Common Cathode
Digit 2 Common Anode
10
Anode F
Cathode F
11
Anode A
Cathode A
12
Digit 1 Common Cathode
Digit 1 Common Anode
7.80
(0.307)
10.00°
19.10
(0.752)
12.7 x 3 = 38.10
(1.500)
FRONT SIDE
PIN 1
2 –
∅1.70
(0.067)
14.22
(0.560)
51.20
(2.016)
8.00
(0.315)
4.00
(0.157)
2.54 x 6 = 15.24
(0.600)
0.50
(0.020)
15.24
(0.600)
RIGHT SIDE
BOTTOM SIDE
AA
A
DD
D
B
C
F
E
F
E
F
E
B
C
B
C
B
C
GG
G
DP3
DP2
6.00
(0.236)
++
+
+
PIN 7
PIN 12
PIN 8
7.00
(0.276)
DIGIT 2
DIGIT 3
DIGIT 4
DIGIT 1
NOTE:
ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
UNLESS OTHERWISE STATED, TOLERANCES ARE ± 0.25 mm.


Similar Part No. - HDSP-B04G-MM000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B04G AVAGO-HDSP-B04G Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
HDSP-B04G AVAGO-HDSP-B04G Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
More results

Similar Description - HDSP-B04G-MM000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B08G AVAGO-HDSP-B08G Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Broadcom Corporation.
HDSP-B0XG BOARDCOM-HDSP-B0XG Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B0XG AVAGO-HDSP-B0XG Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-B04E HP-HDSP-B04E Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B0XE AVAGO-HDSP-B0XE Datasheet
189Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display
HDSP-B42G AVAGO-HDSP-B42G Datasheet
176Kb / 4P
   18:88 0.56" Four Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-B42G HP-HDSP-B42G Datasheet
347Kb / 4P
   18:88 0.56 Four Digit Seven Segment Displays
logo
BetLux Electronics
BL-Q56A-42 BETLUX-BL-Q56A-42 Datasheet
322Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
BL-Q56A-43 BETLUX-BL-Q56A-43 Datasheet
324Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
BL-Q56A-45 BETLUX-BL-Q56A-45 Datasheet
342Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com