Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGAF40N60UF Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FGAF40N60UF
Description  Ultrafast IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGAF40N60UF Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FGAF40N60UF Datasheet HTML 1Page - Fairchild Semiconductor FGAF40N60UF Datasheet HTML 2Page - Fairchild Semiconductor FGAF40N60UF Datasheet HTML 3Page - Fairchild Semiconductor FGAF40N60UF Datasheet HTML 4Page - Fairchild Semiconductor FGAF40N60UF Datasheet HTML 5Page - Fairchild Semiconductor FGAF40N60UF Datasheet HTML 6Page - Fairchild Semiconductor FGAF40N60UF Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FGAF40N60UF Rev. A
©2004 Fairchild Semiconductor Corporation
0.1
1
10
100
1000
0
5
10
15
20
25
30
Vcc = 300V
Load Current : peak of square wave
Duty cycle : 50%
Tc = 100℃
Powe Dissipation = 24W
Frequency [kHz]
Fig 1. Typical Output Characteristics
Fig 2. Typical Saturation Voltage
Characteristics
Fig 4. Load Current vs. Frequency
Fig 5. Saturation Voltage vs. VGE
Fig 6. Saturation Voltage vs. VGE
02468
0
40
80
120
160
12V
15V
20V
V
GE
= 10V
Common Emitter
Tc = 25℃
Collector-Emitter Voltage,V
CE
(V)
110
0
10
20
30
40
50
60
70
80
0.5
Common Emitter
V
GE
=15V
Tc= 25℃
Tc= 125℃
Collector-Emitter Voltage, V
CE
(V)
030
60
90
120
150
0
1
2
3
4
20A
Ic=10A
40A
Common Emitter
Vge=15V
Case Temperature, T
C
[℃]
0
4
8
12
16
20
0
4
8
12
16
20
40A
20A
I
C
= 10A
Common Emitter
T
C
= 25℃
Gate - Emitter Voltage, V
GE
[V]
0
4
8
121620
0
4
8
12
16
20
20A
40A
Ic=10A
Common Emitter
T
C
= 125℃
Gate - Emitter Voltage, V
GE
[V]
Fig 3. Saturation Voltage vs.
Case Temperature at Variant Current Level


Similar Part No. - FGAF40N60UF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGAF40N60UF FAIRCHILD-FGAF40N60UF Datasheet
288Kb / 7P
   High Speed Switching
FGAF40N60UFD FAIRCHILD-FGAF40N60UFD Datasheet
583Kb / 8P
   Ultrafast IGBT
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
More results

Similar Description - FGAF40N60UF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH80N60UFD FAIRCHILD-SGH80N60UFD Datasheet
645Kb / 8P
   Ultrafast IGBT
SGH80N60UFDTU FAIRCHILD-SGH80N60UFDTU Datasheet
701Kb / 8P
   Ultrafast IGBT
FGA40N60UFD FAIRCHILD-FGA40N60UFD Datasheet
577Kb / 8P
   Ultrafast IGBT
SGL160N60UFD FAIRCHILD-SGL160N60UFD Datasheet
662Kb / 8P
   Ultrafast IGBT
logo
Solid States Devices, I...
TG0005C SSDI-TG0005C Datasheet
201Kb / 3P
   ultrafast IGBT
logo
Fairchild Semiconductor
SGM2N60UF FAIRCHILD-SGM2N60UF Datasheet
537Kb / 7P
   Ultrafast IGBT
FGAF40N60UFD FAIRCHILD-FGAF40N60UFD Datasheet
583Kb / 8P
   Ultrafast IGBT
logo
Vishay Siliconix
CPV364M4UPBF VISHAY-CPV364M4UPBF Datasheet
280Kb / 11P
   IGBT SIP Module (Ultrafast IGBT)
Revision: 01-Sep-08
CPV363M4UPBF VISHAY-CPV363M4UPBF Datasheet
278Kb / 11P
   IGBT SIP Module (Ultrafast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPV362M4U IRF-CPV362M4U Datasheet
274Kb / 10P
   UltraFast IGBT IGBT SIP MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com