Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83085EIU-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL83085EIU-T
Description  -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83085EIU-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL83085EIU-T Datasheet HTML 1Page - Intersil Corporation ISL83085EIU-T Datasheet HTML 2Page - Intersil Corporation ISL83085EIU-T Datasheet HTML 3Page - Intersil Corporation ISL83085EIU-T Datasheet HTML 4Page - Intersil Corporation ISL83085EIU-T Datasheet HTML 5Page - Intersil Corporation ISL83085EIU-T Datasheet HTML 6Page - Intersil Corporation ISL83085EIU-T Datasheet HTML 7Page - Intersil Corporation ISL83085EIU-T Datasheet HTML 8Page - Intersil Corporation ISL83085EIU-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN6085.6
ISL83080E, ISL83082E, ISL83083E,
ISL83085E, ISL83086E, ISL83088E
±15kV ESD Protected, 5V, Full Fail-Safe,
Fractional (1/8) Unit Load, RS-485/RS-422
Transceivers
The ISL8308XE are BiCMOS, ESD protected, 5V powered,
single transceivers that meet both the RS-485 and RS-422
standards for balanced communication. Each driver output,
and receiver input, is protected against ±15kV ESD strikes
without latch-up, and unlike competitive products, this Intersil
family is specified for 10% tolerance supplies (4.5V to 5.5V).
These devices have very low bus currents (+125
µA/-75µA),
so they present a true “1/8 unit load” to the RS-485 bus. This
allows up to 256 transceivers on the network without violating
the RS-485 specification’s 32 unit load maximum, and without
using repeaters. For example, in a remote utility meter reading
system, individual meter readings are routed to a concentrator
via an RS-485 network, so the high allowed node count
minimizes the number of repeaters required. Data for all
meters is then read out from the concentrator via a single
access port, or a wireless link.
Receiver (Rx) inputs feature a “Full Fail-Safe” design, which
ensures a logic high Rx output if Rx inputs are floating,
shorted, or terminated but undriven.
The ISL83080E, ISL83082E, ISL83083E, ISL83085E utilize
slew rate limited drivers which reduce EMI, and minimize
reflections from improperly terminated transmission lines, or
unterminated stubs in multidrop and multipoint applications.
Slew rate limited versions also include receiver input filtering to
enhance noise immunity in the presence of slow input signals.
Hot Plug circuitry ensures that the Tx and Rx outputs remain
in a high impedance state until the power supply has
stabilized, and the Tx outputs are fully short circuit protected.
The ISL83080E, ISL83083E, ISL83086E are configured for
full duplex (separate Rx input and Tx output pins)
applications. The half duplex versions multiplex the Rx inputs
and Tx outputs to allow transceivers with output disable
functions in 8 lead packages.
Features
• Pb-Free Plus Anneal Available (RoHS Compliant)
(See Ordering Info)
• RS-485 I/O Pin ESD Protection . . . . . . . . . . ±15kV HBM
Class 3 ESD Protection (HBM) on all Pins. . . . . . . . >7kV
• Full Fail-safe (Open, Short, Terminated and Floating)
Receivers
• Hot Plug Circuitry (ISL83080E, ISL83082E, ISL83083E,
ISL83085E)
- Tx and Rx Outputs Remain Three-state During Power-
up/Power-down
• True 1/8 Unit Load Allows up to 256 Devices on the Bus
• Specified for Single 5V, 10% Tolerance, Supplies
• High Data Rates . . . . . . . . . . . . . . . . . . . . . up to 10Mbps
• Low Quiescent Supply Current . . . . . . . . . . . . . . . 530µA
Ultra Low Shutdown Supply Current . . . . . . . . . . . . 70nA
• -7V to +12V Common Mode Input Voltage Range
• Half and Full Duplex Pinouts
• Three-State Rx and Tx Outputs
• Current Limiting and Thermal Shutdown for driver
Overload Protection
Applications
• Automated Utility Meter Reading Systems
• High Node Count Systems
• Factory Automation
• Field Bus Networks
• Security Camera Networks
• Building Environmental Control Systems
• Industrial/Process Control Networks
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
HOT PLUG
# DEVICES
ON BUS
Rx/Tx
ENABLE?
QUIESCENT
ICC (µA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL83080E
Full
0.115
Yes
Yes
256
Yes
530
Yes
14
ISL83082E
Half
0.115
Yes
Yes
256
Yes
530
Yes
8
ISL83083E
Full
0.5
Yes
Yes
256
Yes
530
Yes
14
ISL83085E
Half
0.5
Yes
Yes
256
Yes
530
Yes
8
ISL83086E
Full
10
No
No
256
Yes
530
Yes
14
ISL83088E
Half
10
No
No
256
Yes
530
Yes
8
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004-2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
September 12, 2005


Similar Part No. - ISL83085EIU-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83085EIU INTERSIL-ISL83085EIU Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83085EIUZ INTERSIL-ISL83085EIUZ Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83085EIUZ RENESAS-ISL83085EIUZ Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83085EIU-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com