Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDCH1008 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMDCH1008
Description  MINIATURE SMD CHIP INDUCTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMDCH1008 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMDCH1008 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Test
SRF
DCR
I ,dc
Freq. (MHz) (OHM) (mA)
nH
Min MHz
Min
Max
Max
L Typ Q Typ L Typ Q Typ
SMDCH
R0603 - 1N6
1.6
MK
24
250
12500
0.030
700
1.67
49
1.65
63
SMDCH
R0603 - 1N8
1.8
MK
16
250
12500
0.045
700
1.63
35
1.66
50
SMDCH
R0603 - 3N6
3.6
MK
22
250
5900
0.063
700
3.72
53
3.71
65
SMDCH
R0603 - 3N9
3.9 MKJ 22
250
6900
0.080
700
3.95
49
3.96
67
SMDCH
R0603 - 4N3
4.3
M,K,J
22
250
5900
0.063
700
4.32
50
4.33
70
SMDCH
R0603 - 4N7
4.7
M,K,J
20
250
5800
0.116
700
4.72
47
4.75
57
SMDCH
R0603 - 5N1
5.1
M,K,J
20
250
5700
0.140
700
4.93
47
4.95
56
SMDCH
R0603 - 6N8
6.8 MKJ 27
250
5800
0.110
700
6.75
60
7.10
81
SMDCH
R0603 - 7N5
7.5 MKJ 28
250
4800
0.106
700
7.70
60
7.82
65
SMDCH
R0603 - 8N7
8.7 MKJ 28
250
4600
0.109
700
8.86
62
9.32
68
SMDCH
R0603 - 9N5
9.5
M,K,J
28
250
5400
0.135
700
9.70
59
9.92
61
SMDCH R0603 - 10N
10 K J G 31
250
4800 0.130 700
10.0
66
10.6
83
SMDCH
R0603 - 11N
11
KJG 33
250
4000
0.086
700
11.0
53
11.5
56
SMDCH
R0603 - 12N
12
KJG 35
250
4000
0.130
700
12.3
72
13.5
83
SMDCH
R0603 - 15N
15
KJG 35
250
4000
0.170
700
15.4
64
16.8
89
SMDCH
R0603 - 16N
16
KJG 34
250
3300
0.104
700
16.2
55
17.3
52
SMDCH
R0603 - 18N
18
KJG 35
250
3100
0.170
700
18.7
70
21.4
69
SMDCH
R0603 - 22N
22
KJG 38
250
3000
0.190
700
22.8
73
26.1
71
SMDCH
R0603 - 24N
24
KJG 37
250
2650
0.135
700
24.5
45
28.7
39
SMDCH
R0603 - 27N
27
KJG 40
250
2800
0.220
600
29.2
74
34.6
65
SMDCH
R0603 - 30N
30
KJG 37
250
2250
0.144
600
31.4
47
39.9
28
SMDCH
R0603 - 33N
33
KJG 40
250
2300
0.220
600
36.0
67
49.5
42
SMDCH
R0603 - 36N
36
KJG 38
250
2080
0.250
600
39.4
47
52.7
24
SMDCH
R0603 - 39N
39
KJG 40
250
2200
0.250
600
42.7
60
60.2
40
SMDCH
R0603 - 43N
43
KJG 39
250
2000
0.280
600
47.0
44
64.9
21
SMDCH
R0603 - 47N
47
KJG 38
200
2000
0.280
600
52.2
62
77.2
35
SMDCH
R0603 - 56N
56
MKJ 38
200
1900
0.310
600
62.5
52
97.0
26
SMDCH
R0603 - 68N
68
MKJ 37
200
1700
0.340
600
80.5
54
168
21
SMDCH
R0603 - 72N
72
MKJ 34
150
1700
0.490
400
82.0
53
135
20
SMDCH
R0603 - 82N
82
MKJ 34
150
1700
0.540
400
96.2
54
177
21
SMDCH R0603 - R10
100 M K J 34
150
1400 0.580 400
124
49
--
--
SMDCH
R0603 - R11
110 MKJ 32
150
1350
0.610
300
138
43
--
--
SMDCH
R0603 - R12
120 MKJ 32
150
1300
0.650
300
166
39
--
--
SMDCH
R0603 - R15
150 MKJ 28
150
990
0.920
280
250
25
--
--
SMDCH
R0603 - R18
180 MKJ 25
100
990
1.250
240
305
22
--
--
SMDCH
R0603 - R22
220 MKJ 25
100
900
1.900
200
480
8
--
--
SMDCH
R0603 - R27
270 MKJ 24
100
900
2.300
170
980
4
--
--
1.7 GHz
MINIATURES SMD CHIP INDUCTORS
SMDCH
R0603 TYPE
LQ
PART NO.
Tole.
900 MHz
3.2


Similar Part No. - SMDCH1008

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDC1-1000 SEMPO-SMDC1-1000 Datasheet
49Kb / 1P
   RECTIFIER DIODE
SMDC1-1200 SEMPO-SMDC1-1200 Datasheet
47Kb / 1P
   RECTIFIER DIODE
SMDC1-1500 SEMPO-SMDC1-1500 Datasheet
49Kb / 1P
   RECTIFIER DIODE
SMDC1-2000 SEMPO-SMDC1-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDC1-2500 SEMPO-SMDC1-2500 Datasheet
49Kb / 1P
   RECTIFIER DIODE
More results

Similar Description - SMDCH1008

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP03TN4N3H00D MURATA-LQP03TN4N3H00D Datasheet
28Kb / 2P
   Chip Inductors (Chip Coils)(SMD)
LQP03TN27NJ00D MURATA-LQP03TN27NJ00D Datasheet
28Kb / 2P
   Chip Inductors (Chip Coils)(SMD)
logo
ECM Electronics Limited...
LNC30T ECM-LNC30T Datasheet
130Kb / 3P
   SMD Ferrite Chip Inductors
LNQ32T ECM-LNQ32T Datasheet
135Kb / 4P
   SMD Ferrite Chip Inductors
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808_15 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
Central Technologies
CT1008CSF CT-CT1008CSF Datasheet
206Kb / 1P
   SMD Wire-wound Chip Inductors
CT1206CSF CT-CT1206CSF Datasheet
160Kb / 1P
   SMD Wire-wound Chip Inductors
CT1210LSC CT-CT1210LSC Datasheet
183Kb / 1P
   SMD Wire-wound Chip Inductors
CT0603LS CT-CT0603LS Datasheet
206Kb / 1P
   SMD Wire-wound Chip Inductors
logo
Shanghai Leiditech Elec...
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
   SMD Ceramic Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com