Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI5013 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. SI5013
Description  OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

SI5013 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SI5013 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Si5013
Rev. 1.4
5
2. Electrical Specifications
Figure 1. Differential Voltage Measurement (DIN, REFCLK, DOUT, CLKOUT)
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min1
Typ
Max1
Unit
Ambient Temperature
TA
–40
25
85
°C
Si5013 Supply Voltage2
VDD
3.135
3.3
3.465
V
Notes:
1. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
2. The Si5013 specifications are guaranteed when using the recommended application circuit (including component
tolerance) of "3.Typical Application Schematic" on page 11.
0.5 V
ID
SIG N AL+
SIG N AL–
V
ID
B. O peration with Differential Inputs and O utputs
V
IS
A. O peration with Single-Ended Inputs
SIG NAL+
SIG NAL–
V
t
V
t
(SIG N AL+) – (SIG NAL–)
DOUT
t
Cr-D
t
Cf-D
CLK OUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn