Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
SI5013 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers
Part No.
SI5013
Description
OC-12/3,
STM-4/1
SONET/SDH
CDR
IC
WITH
LIMITING
AMPLIFIER
Download
24 Pages
Scroll/Zoom
100%
Maker
ETC1 [List of Unclassifed Manufacturers]
Homepage
Logo
SI5013 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers
zoom in
zoom out
4
/ 24 page
Si5013
4
Rev. 1.4
1. Detailed Block Diagram
Slicing
Control
Signal
Detect
Phase
Detector
A/D
Limiting
Amp
n
DSP
VCO
CLK
Dividers
Lock
Detection
Retime
BER
Monitor
DIN+
DIN–
REFCLK±
(optional)
LTR
SLICE_LVL
LOS_LVL
RATESEL
Calibration
RESET/CAL
CLKOUT+
DOUT+
CLKOUT–
DOUT–
CLKDSBL
BER_ALM
BER_LVL
LOS
LOL
DSQLCH
Bias
Generation
REXT
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
HFA1135
360MHz
Low
Power
Video
Operational
Amplifier
with
Output
Limiting
1
2
3
4
5
More
Intersil Corporation
SY88353BL
3.3V
3.2
Gbps
Limiting
Post
Amplifier
with
Programmable
Decision
Threshold
1
2
3
4
5
More
Micrel Semiconductor
HS-1135RH
Radiation
Hardened
High
Speed
Low
Power
Current
Feedback
Amplifier
with
Programmable
Output
Limiting
1
2
3
4
5
Intersil Corporation
CXB1575AQ
155Mbps
Clock
&
Data
Recovery
with
High
Sensitivity
Limiting
Amplifier
1
2
3
4
5
More
Sony Corporation
VSC7961
3.125Gb/s
PECL
Limiting
Amplifier
with
LOS
Detect
1
2
3
4
5
More
Vitesse Semiconductor Corporation
SI5022
MULTI-RATE
SONET/SDH
CDR
IC
WITH
LIMITING
AMP
1
2
3
4
5
More
List of Unclassifed Manufacturers
MAX3872
Multirate
Clock
and
Data
Recovery
with
Limiting
Amplifier
1
2
3
4
5
More
Maxim Integrated Products
MAX3991
10Gbps
Clock
and
Data
Recovery
with
Limiting
Amplifier
1
2
3
4
5
More
Maxim Integrated Products
SY88813V
3.3V/5V
155Mbps
PECL
LOW
POWER
LIMITING
POST
AMPLIFIER
WITH
PECL
SIGNAL
DETECT
1
2
3
4
5
More
Micrel Semiconductor
BCM8152
10
GBPS
TRANSCEIVER
WITH
10G
CLOCK
BUS
SKEW
AND
LIMITING
AMPLIFIER
1
Broadcom Corporation.
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn