Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5013 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # SI5013
Description  OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI5013 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button SI5013 Datasheet HTML 16Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 17Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 18Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 19Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 20Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 21Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 22Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 23Page - List of Unclassifed Manufacturers SI5013 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Si5013
22
Rev. 1.4
7. Package Outline
Figure 16 illustrates the package details for the Si5013. Table 9 lists the values for the dimensions shown in the
illustration.
Figure 16. 28-Lead Micro Leaded Package (MLP)
Table 9. Package Diagram Dimensions
Controlling Dimension: mm
Symbol
Millimeters
Min
Nom
Max
A
0.85
0.90
A1
0.00
0.01
0.05
b
0.180.230.30
D5.00 BSC
D1
4.75 BSC
D2
2.95
3.10
3.25
E5.00 BSC
E1
4.75 BSC
E2
2.95
3.10
3.25
N28
Nd
7
Ne
7
e0.50 BSC
L
0.500.600.75
T
12°
E1/2
E/2
E1
E
A
N
D1
D1/2
D/2
D
A1
A
b
e
L
(Nd–1) Xe
REF.
BOTTOM VIEW
TOP VIEW
T
(Ne–1) Xe
REF.
1
2
3
1
2
3
bA1
e
C
L
SECTION "C–C"
SCALE: NONE
E2
Approximate device weight is 62.2 mg.
CC
D2
N
0.10
CAB
M
0.05 C
0.10 C A
0.10 C B
2X
B
C
SEATING
PLANE
2X


Similar Part No. - SI5013

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013-EVB SILABS-SI5013-EVB Datasheet
1Mb / 11P
   Differential I/Os ac coupled
SI5013-X-GM SILABS-SI5013-X-GM Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results

Similar Description - SI5013

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT94L55 EXAR-XRT94L55 Datasheet
53Kb / 2P
   SONET/SDH OC-48/STM-16, 4XOC-12/STM-4, 16XOC-3/STM-1 FRAMER/CONCENTRATOR WITH INTEGRATED CDR?셎
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
   SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com