Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83073EIBZA-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL83073EIBZA-T
Description  -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83073EIBZA-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL83073EIBZA-T Datasheet HTML 2Page - Intersil Corporation ISL83073EIBZA-T Datasheet HTML 3Page - Intersil Corporation ISL83073EIBZA-T Datasheet HTML 4Page - Intersil Corporation ISL83073EIBZA-T Datasheet HTML 5Page - Intersil Corporation ISL83073EIBZA-T Datasheet HTML 6Page - Intersil Corporation ISL83073EIBZA-T Datasheet HTML 7Page - Intersil Corporation ISL83073EIBZA-T Datasheet HTML 8Page - Intersil Corporation ISL83073EIBZA-T Datasheet HTML 9Page - Intersil Corporation ISL83073EIBZA-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN6115.1
August 5, 2005
Three-State (high impedance)
Receiver Output Current (Note 12)
IOZR
0.4V
≤ VO ≤ 2.4V
Full
-1
0.015
1
µA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V
Full
96
150
-
k
Receiver Short-Circuit Current
IOSR
0V
≤ VO ≤ VCC
Full
±730
±60
mA
Thermal Shutdown Threshold
TSD
Full
-
150
-
°C
SUPPLY CURRENT
No-Load Supply Current (Note 5)
ICC
DI = 0V or VCC
DE = VCC,
RE = 0V or VCC
Full
-
510
800
µA
DE = 0V, RE = 0V
Full
-
480
700
µA
Shutdown Supply Current
(Note 12)
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
0.01
1
µA
ESD PERFORMANCE
RS-485 Pins (A, Y, B, Z)
Human Body Model (HBM), Pin to GND
25
-
±15
-
kV
All Other Pins
HBM, per MIL-STD-883 Method 3015
25
−>±7-
kV
DRIVER SWITCHING CHARACTERISTICS (ISL83070E, ISL83071E, ISL83072E, 250kbps)
Maximum Data Rate
fMAX
VOD = ±1.5V, CD = 820pF (Figure 4, Note 16)
Full
250
800
-
kbps
Driver Differential Output Delay
tDD
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
250
1100
1500
ns
Driver Differential Output Skew
tSKEW
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
-
6
100
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
350
960
1600
ns
Driver Enable to Output High
tZH
RL = 500Ω, CL = 50pF, SW = GND (Figure 3),
(Notes 7, 12)
Full
-
26
600
ns
Driver Enable to Output Low
tZL
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3),
(Notes 7, 12)
Full
-
200
600
ns
Driver Disable from Output High
tHZ
RL = 500Ω, CL = 50pF, SW = GND (Figure 3),
(Note 12)
Full
-
28
55
ns
Driver Disable from Output Low
tLZ
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3),
(Note 12)
Full
-
30
55
ns
Time to Shutdown
tSHDN
(Notes 9, 12)
Full
50
200
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 50pF, SW = GND (Figure 3),
(Notes 9, 10, 12)
Full
-
180
700
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 50pF, SW = VCC (Figure 3),
(Notes 9, 10, 12)
Full
-
100
700
ns
DRIVER SWITCHING CHARACTERISTICS (ISL83073E, ISL83075E, 500kbps)
Maximum Data Rate
fMAX
VOD = ±1.5V, CD = 820pF (Figure 4, Note 16)
Full
500
1600
-
kbps
Driver Differential Output Delay
tDD
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
180
350
800
ns
Driver Differential Output Skew
tSKEW
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
-
1
30
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
200
380
800
ns
Driver Enable to Output High
tZH
RL = 500Ω, CL = 50pF, SW = GND (Figure 3),
(Notes 7, 12)
Full
-
26
350
ns
Driver Enable to Output Low
tZL
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3),
(Notes 7, 12)
Full
-
100
350
ns
Driver Disable from Output High
tHZ
RL = 500Ω, CL = 50pF, SW = GND (Figure 3),
(Note 12)
Full
-
28
55
ns
Driver Disable from Output Low
tLZ
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3),
(Note 12)
Full
-
30
55
ns
Time to Shutdown
tSHDN
(Notes 9, 12)
Full
50
200
600
ns
Electrical Specifications
Test Conditions: VCC = 3.0V to 3.6V; Unless Otherwise Specified. Typicals are at VCC = 3.3V, TA = 25°C,
Note 4 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ISL83070E, ISL83071E, ISL83072E, ISL83073E, ISL83075E, ISL83076E, ISL83077E, ISL83078E


Similar Part No. - ISL83073EIBZA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83073EIBZA INTERSIL-ISL83073EIBZA Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83073EIBZA INTERSIL-ISL83073EIBZA Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83073EIBZA RENESAS-ISL83073EIBZA Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83073EIBZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E_V01 Datasheet
1Mb / 24P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Rev.6.05 Sep 29, 2023
logo
Intersil Corporation
SL3170E INTERSIL-SL3170E Datasheet
767Kb / 19P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
June 8, 2012
ISL3173EIBZ-T INTERSIL-ISL3173EIBZ-T Datasheet
770Kb / 19P
   15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3178AE RENESAS-ISL3178AE Datasheet
552Kb / 14P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
October 30, 2014
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E_06 Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3172EIBZ-T INTERSIL-ISL3172EIBZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3178AE INTERSIL-ISL3178AE Datasheet
486Kb / 14P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com