Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SC8560 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part No. SC8560
Description  The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8560 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC8560 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Silan
Semiconductors
SC8560
HANGZHOU SILAN MICROELECTRONICS CO.,LTD.
Rev: 1.1
2003.06.26
6
TABLE 2: SETTING CONTENTS
Display Mode
Set lnput
Functions
HOUR
lmmediately adds 1 to hour digits and then assigns an additional 1. at a speed
of 2 Hz , after each 1/4 to 3/4 second .
MIN
lmmediately adds 1 to minute digits and then assigns an additional 1. at a
speed of 2 Hz, after each 1/4 to 3/4 second .
Seconds are reset.
Time
BOTH
Operates both as outline above.
HOUR(Note)
Second digits are cleared to [00].
MIN
Time holds.
Second
(Alarm
&Sleep)
BOTH
Resets hour and minute digits as [0:00] when operating in 24-Hmode or [12:00]
when operating in 12-H mode.
HOUR
lmmediately adds 1to hour digits and then assigns an additional 1, at a speed
of 2 Hz, after each 1/4to 3/4 second.
MIN
lmmediately adds 1 to minute digits and then assigns an additional 1, at a
speed of 2 Hz, after each 1/4to 3/4 second.
Alarm
BOTH
Resets hour and minute digits to [0:00] when operating in 24-hour mode or
[12:00] when operating in, 12-hour mode.
-
Sets sleep counter to [0:59] instantly when VDD is activated to sleep select.
HOUR
Sets sleep counter to [1:59] instantly when VDD is activated to sleep select and
hour at the same time.
MIN
Sleep counter looses 1 at a speed of 2 Hz
Sleep
BOTH
Sleep counter looses 1 at a speed of 2 Hz
Once conditions have been switched to reset or hold, input of other functions is locked until HOUR and MIN
input have separated.
Note:
When the digital reading for seconds is between 30 and 59 seconds, 1 is added to digits for minutes as the
digital reading for seconds resets to [00]


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn