Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SC8560 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part No. SC8560
Description  The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8560 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC8560 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8560 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Silan
Semiconductors
SC8560
HANGZHOU SILAN MICROELECTRONICS CO.,LTD.
Rev: 1.1
2003.06.26
1
DIGITAL ALARM CLOCK
DESCRIPTION
The SC8560 is an alarm equipped digital clock IC with built-in
drivers capable of directly driving LED display equipment.
FEATURES
* Single chip P-channel ED MOS LSI
* LED direct drive using time division (duplex configuration)
* Wide operating power supply voltage range
* Built-in alarm function with 24-hour control
* Supports changeover between 12-hour AM/PM and 24-hour
displays
* Built-in battery backup CR oscillator
* Built-in automatic fast forward function for hour and minute
settings
* Built-in snooze function supporting repeat use
* Uses 50Hz as standard frequency
* Built-in sleep timer function (maximum intervals for 59 minutes or
1 hour and 59 minutes)
* Equipped with power failure display function
* 900Hz output for alarm tone
SDIP-28
SOP-28
ORDERING INFORMATION
Part No.
Package
SC8560
SDIP-28-400-1.778
SC8560S
SOP-28-375-1.27
APPLICATIONS
* Alarm clocks
* Clock-radios
PIN CONFIGURATIONS
SC8560
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AM & 10'S HR ag & de
10'S HR c & HR c
PM & 10'S HR b
HR b & g
HR c & d
HR a & f
10'S MIN a & f
10'S MIN b & g
10'S MIN c & d
10'S MIN e & MIN e
MIN b & g
MIN c & d
MIN a & f
COLON OUT
12/24 HR SELECT
CR INPUT
50/60Hz SELECT
50/60Hz INPUT
SNOOZE INPUT
SLEEP INPUT
HOUR SET
MIN SET
VDD
ALARM DISP
ALARM OFF
SLEEP OUT
ALARM OUT
VSS


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn