Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV7640 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # OV7640
Description  OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV7640 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button OV7640 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV7640 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Package Specifications
Version 1.4, March 6, 2003
Proprietary to OmniVision Technologies
17
Omni ision
Sensor Array Center
Figure 11 OV7640/OV7141 Sensor Array Center
OV7640/OV7141 Die
Image Array
Die Y-Centerline
Die X-Centerline
Array Center
(0.2273, 0.1222)
Pin 1
3.6512 mm
2.7328 mm
NOTES: Due to the lens inversion, in order for the image to be right-side up, the OV7640/OV7140
must be mounted Pin 1 down.
Picture is for reference only, not to scale.
Die shift (x,y) = 0.15 mm (6 mils) max.
Die tilt = 1 degrees max.
Die rotation = 3 degrees max.
Positional Tolerances


Similar Part No. - OV7640

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
569Kb / 5P
   Low Power 32.768kHz SM Oscillator
OV7604C7/B GOLLEDGE-OV7604C7/B Datasheet
124Kb / 1P
   CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_16 Datasheet
124Kb / 1P
   CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_18 Datasheet
569Kb / 5P
   Low Power 32.768kHz SM Oscillator
More results

Similar Description - OV7640

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM6448C HANTRONIX-HDM6448C Datasheet
51Kb / 1P
   640 X 480 10.4 VGA Color
HDM6448ATSC HANTRONIX-HDM6448ATSC Datasheet
91Kb / 1P
   640 X 480 10.4 VGA Color w/Touch Screen
HDM6448-A HANTRONIX-HDM6448-A Datasheet
26Kb / 1P
   640 X 480 10.4 VGA Monochrome
HDM6448-1 HANTRONIX-HDM6448-1 Datasheet
27Kb / 1P
   640 X 480 9.5 VGA Monochrome
logo
AAEON Technology
AWK-3004 AAEON-AWK-3004 Datasheet
671Kb / 2P
   10.4??VGA (640 x 480) Color TFT LCD
logo
Hantronix,Inc
HDM6448C-7 HANTRONIX-HDM6448C-7 Datasheet
29Kb / 1P
   640 X 480 7.5 Single Scan VGA Color
HDM6448ATSC-7 HANTRONIX-HDM6448ATSC-7 Datasheet
32Kb / 1P
   640 X 480 7.5 Single Scan VGA Color w/Touch Screen
logo
Schneider Electric
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
   Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
logo
OmniVision Technologies...
OV7750 OMNIVISION-OV7750 Datasheet
2Mb / 125P
   CMOS VGA (640 x 480) image sensor with OmniPixel3-GS™ technology
version 2.12
logo
Hantronix,Inc
HDM6448TS-S HANTRONIX-HDM6448TS-S Datasheet
34Kb / 1P
   640 X 480 7.4 VGA Monochrome, with Touch Screen
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com