Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HOM4080L225PGC Datasheet(PDF) 1 Page - Schneider Electric

Part No. HOM4080L225PGC
Description  Homeline, LC, 225 A, 120/240 V, 1 PH, MLO, PoN, 40 SP, N1, grd bar, combo
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HOM4080L225PGC Datasheet(HTML) 1 Page - Schneider Electric

  HOM4080L225PGC Datasheet HTML 1Page - Schneider Electric HOM4080L225PGC Datasheet HTML 2Page - Schneider Electric HOM4080L225PGC Datasheet HTML 3Page - Schneider Electric HOM4080L225PGC Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
HOM4080L225PGC
Homeline, LC, 225 A, 120/240 V, 1 PH, MLO,
PoN, 40 SP, N1, grd bar, combo
Product availability : Stock - Normally stocked in distribution facility
Price** : 671.00 USD
Main
Product or component type
Load Center
Marketing Trade Name
Homeline
Load center type
Main lugs
Line Rated Current
225 A
Number of spaces
40
Number of circuits
80
Enclosure Rating
NEMA 1 indoor
Cover type
Combination flush/surface cover
Electrical connection
Lugs
Included Options
Grounding bar 1)
Complementary
Short-circuit current
10 kA
Number of Tandem Breakers
40
Number of Phases
1 phase
[Ue] rated operational voltage
120/240 V AC
Wire Size
AWG 4...250 kcmil copper
AWG 4...300 kcmil aluminium
Wiring configuration
3-wire
Cover finish
Gray baked enamel
Busbar Material
Tin plated aluminium busbar
Enclosure material
Welded sheet steel
Surface finish
Baked enamel grey
Box number
12
Height
39.37 in (1000 mm)
Width
14.25 in (362 mm)
Mar 30, 2020
1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn