Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HOM4080L225PGC Datasheet(PDF) 2 Page - Schneider Electric

Part No. HOM4080L225PGC
Description  Homeline, LC, 225 A, 120/240 V, 1 PH, MLO, PoN, 40 SP, N1, grd bar, combo
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HOM4080L225PGC Datasheet(HTML) 2 Page - Schneider Electric

  HOM4080L225PGC Datasheet HTML 1Page - Schneider Electric HOM4080L225PGC Datasheet HTML 2Page - Schneider Electric HOM4080L225PGC Datasheet HTML 3Page - Schneider Electric HOM4080L225PGC Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Depth
3.74 in (95 mm)
Tightening torque
28.25 N.m (250 lbf.in) AWG 4...250 kcmil)
28.25 N.m (250 lbf.in) AWG 4...300 kcmil)
Environment
Ambient air temperature for operation
23 °F (-5 °C)
104 °F (40 °C)
Product certifications
UL E-6294
Ordering and shipping details
Category
00045 - HOM LC&CVR,12-42 CKT,NEMA1
Discount Schedule
DE3C
GTIN
00785901978176
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds which is
known to the State of California to cause Carcinogen & Reproductive harm. For more information go
to www.p65warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
No need of specific recycling operations
2


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn