Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84782IVZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL84782IVZ
Description  Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84782IVZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL84782IVZ Datasheet HTML 1Page - Intersil Corporation ISL84782IVZ Datasheet HTML 2Page - Intersil Corporation ISL84782IVZ Datasheet HTML 3Page - Intersil Corporation ISL84782IVZ Datasheet HTML 4Page - Intersil Corporation ISL84782IVZ Datasheet HTML 5Page - Intersil Corporation ISL84782IVZ Datasheet HTML 6Page - Intersil Corporation ISL84782IVZ Datasheet HTML 7Page - Intersil Corporation ISL84782IVZ Datasheet HTML 8Page - Intersil Corporation ISL84782IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6097.3
November 17, 2004
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.7V
Input Voltages
INH, Ax, Bx, ADDx (Note 2) . . . . . . . . . . . . . . -0.3 to (V+) + 0.3V
Output Voltages
COMx (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V+) + 0.3V
Continuous Current NO or COM . . . . . . . . . . . . . . . . . . . . .
±300mA
Peak Current NO or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . .
±500mA
ESD Rating
HBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4kV
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
16 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . .
150
16 Ld 3x3 QFN Thin Package . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature (Plastic Package). . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on Ax, Bx, COMx, ADDx, or INH exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current
ratings.
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 3V Supply Test Conditions: VSUPPLY = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 8),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 2.7V, ICOM = 100mA, VAX or VBX = 0V to V+,
(See Figure 5)
25
-
0.5
0.75
Full
-
-
0.8
RON Matching Between Channels,
∆RON
V+ = 2.7V, ICOM = 100mA, VAX or VBX = Voltage at max
RON, (Note 6)
25
-
0.12
0.2
Full
-
-
0.2
RON Flatness, RFLAT(ON)
V+ = 2.7V, ICOM = 100mA, VAX or VBX = 0V to V+,
(Note 7)
25
-
0.056
0.15
Full
-
-
0.15
Ax or Bx OFF Leakage Current,
IAx(OFF) or IBx(OFF)
V+ = 3.3V, VCOM = 0.3V, 3V, VAX or VBX = 3V, 0.3V
25
-4
-
4
nA
Full
-30
-
30
nA
COM ON Leakage Current, ICOM(ON) V+ = 3.3V, VCOM = VAX or VBX = 0.3V, 3V
25
-8
-
8
nA
Full
-60
-
60
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
1.4
-
-
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.5
V
Input Current, IINH, IINL, IADDH, IADDL V+ = 3.6V, VINH = VADD = 0V or V+ (Note 10)
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 2.7V, VAx or VBx = 1.5V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 10)
25
-
16
25
ns
Full
-
-
27
ns
Inhibit Turn-OFF Time, tOFF
V+ = 2.7V, VAx or VBx = 1.5V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 10)
25
-
14
23
ns
Full
-
-
25
ns
Address Transition Time, tTRANS
V+ = 2.7V, VAX or VBX = 1.5V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 10)
25
-
19
28
ns
Full
-
-
30
ns
Break-Before-Make Time, tBBM
V+ = 3.3V, VAX or VBX = 1.5V, RL = 50Ω, CL = 35pF,
(See Figure 3, Note 10)
25
-
4
-
ns
Full
1
-
-
ns
ISL84782


Similar Part No. - ISL84782IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84782IVZ INTERSIL-ISL84782IVZ Datasheet
358Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
November 17, 2004
logo
Renesas Technology Corp
ISL84782IVZ RENESAS-ISL84782IVZ Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL84782IVZ-T INTERSIL-ISL84782IVZ-T Datasheet
358Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
November 17, 2004
logo
Renesas Technology Corp
ISL84782IVZ-T RENESAS-ISL84782IVZ-T Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results

Similar Description - ISL84782IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841_14 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782IV INTERSIL-ISL84782IV Datasheet
358Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
November 17, 2004
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com