Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HC240A Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC74HC240A
Description  Octal 3-State Inverting Buffer/Line Driver/Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC240A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC240A Datasheet HTML 1Page - ON Semiconductor MC74HC240A Datasheet HTML 2Page - ON Semiconductor MC74HC240A Datasheet HTML 3Page - ON Semiconductor MC74HC240A Datasheet HTML 4Page - ON Semiconductor MC74HC240A Datasheet HTML 5Page - ON Semiconductor MC74HC240A Datasheet HTML 6Page - ON Semiconductor MC74HC240A Datasheet HTML 7Page - ON Semiconductor MC74HC240A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74HC240A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
Iin
Maximum Input Leakage
Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
µA
IOZ
Maximum Three–State
Leakage Current
Output in High–Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
± 0.5
± 5.0
± 10
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
6.0
4.0
40
160
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book
(DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Guaranteed Limit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, A to YA or B to YB
(Figures 1 and 3)
2.0
3.0
4.5
6.0
80
40
16
14
100
50
20
17
120
60
24
20
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to YA or YB
(Figures 2 and 4)
2.0
3.0
4.5
6.0
110
60
22
19
140
70
28
24
165
80
33
28
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to YA or YB
(Figures 2 and 4)
2.0
3.0
4.5
6.0
110
60
22
19
140
70
28
24
165
80
33
28
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance (Output in
High–Impedance State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High–Speed CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Transceiver Channel)*
32
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC240A

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC74HC240A MOTOROLA-MC74HC240A Datasheet
168Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A Datasheet
152Kb / 9P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2011 ??Rev. 12
MC74HC240ADTR2G ONSEMI-MC74HC240ADTR2G Datasheet
152Kb / 9P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2011 ??Rev. 12
MC74HC240ADTR2G ONSEMI-MC74HC240ADTR2G Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
MC74HC240ADWG ONSEMI-MC74HC240ADWG Datasheet
152Kb / 9P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2011 ??Rev. 12
More results

Similar Description - MC74HC240A

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74ACT240 INTEGRAL-IN74ACT240 Datasheet
184Kb / 4P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
System Logic Semiconductor
System Logic Semiconduc...
SL74HC240 SLS-SL74HC240 Datasheet
47Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
Motorola, Inc
Motorola, Inc
MC54-74HC240A MOTOROLA-MC54-74HC240A Datasheet
168Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC240AF ONSEMI-MC74HC240AF Datasheet
152Kb / 9P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2011 ??Rev. 12
Motorola, Inc
Motorola, Inc
MC74HC204A MOTOROLA-MC74HC204A Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
Integral Corp.
Integral Corp.
IN74HCT240A INTEGRAL-IN74HCT240A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
ON Semiconductor
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A Datasheet
146Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 7
Integral Corp.
Integral Corp.
IN74HC240A INTEGRAL-IN74HC240A Datasheet
147Kb / 5P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz