![]() |
Electronic Components Datasheet Search |
|
MC74HC240A Datasheet(PDF) 1 Page - ON Semiconductor |
|
MC74HC240A Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 8 page ![]() © Semiconductor Components Industries, LLC, 2000 May, 2000 – Rev. 9 1 Publication Order Number: MC74HC240A/D MC74HC240A Octal 3-State Inverting Buffer/Line Driver/Line Receiver High–Performance Silicon–Gate CMOS The MC74HC240A is identical in pinout to the LS240. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. This octal noninverting buffer/line driver/line receiver is designed to be used with 3–state memory address drivers, clock drivers, and other sub–oriented systems. The device has inverting outputs and two active–low output enables. The HC240A is similar in function to the HC244A. • Output Drive Capability: 15 LSTTL Loads • Outputs Directly Interface to CMOS, NMOS, and TTL • Operating Voltage Range: 2 to 6 V • Low Input Current: 1 µA • High Noise Immunity Characteristic of CMOS Devices • In Compliance with the Requirements Defined by JEDEC Standard No. 7A • Chip Complexity: 120 FETs or 30 Equivalent Gates LOGIC DIAGRAM DATA INPUTS A1 A2 A3 A4 B1 B2 B3 B4 17 15 13 11 8 6 4 218 16 14 12 9 7 5 3 YB4 YB3 YB2 YB1 YA4 YA3 YA2 YA1 INVERTING OUTPUTS PIN 20 = VCC PIN 10 = GND OUTPUT ENABLES ENABLE A ENABLE B 1 19 FUNCTION TABLE Inputs Outputs Enable A, Enable B A, B YA, YB LL H LH L HX Z Z = high impedance http://onsemi.com MARKING DIAGRAMS 1 20 A = Assembly Location WL = Wafer Lot YY = Year WW = Work Week SOIC WIDE–20 DW SUFFIX CASE 751D HC240A AWLYYWW PDIP–20 N SUFFIX CASE 738 1 20 MC74HC240AN AWLYYWW TSSOP–20 DT SUFFIX CASE 948E 1 20 1 20 1 20 Device Package Shipping ORDERING INFORMATION MC74HC240AN PDIP–20 1440 / Box MC74HC240ADW SOIC–WIDE 38 / Rail MC74HC240ADWR2 SOIC–WIDE 1000 / Reel MC74HC240ADT TSSOP–20 75 / Rail MC74HC240ADTR2 TSSOP–20 2500 / Reel PIN ASSIGNMENT A3 A2 YB4 A1 ENABLE A GND YB1 A4 YB2 YB3 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 YA2 B4 YA1 ENABLE B VCC B1 YA4 B2 YA3 B3 HC 240A ALYW 1 20 |