Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL83387 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ISL83387
Description  /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83387 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL83387 Datasheet HTML 1Page - Intersil Corporation ISL83387 Datasheet HTML 2Page - Intersil Corporation ISL83387 Datasheet HTML 3Page - Intersil Corporation ISL83387 Datasheet HTML 4Page - Intersil Corporation ISL83387 Datasheet HTML 5Page - Intersil Corporation ISL83387 Datasheet HTML 6Page - Intersil Corporation ISL83387 Datasheet HTML 7Page - Intersil Corporation ISL83387 Datasheet HTML 8Page - Intersil Corporation ISL83387 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6040.1
ISL83387E
+/-15kV ESD Protected, +3V to +5.5V,
1Microamp, 250kbps, RS-232
Transceivers with Enhanced Automatic
Powerdown and a Separate Logic Supply
The Intersil ISL83387E is a 3.0V to 5.5V powered RS-232
transceiver which meets ElA/TIA-232 and V.28/V.24
specifications, even at VCC = 3.0V. Additionally, it provides
±
15kV ESD protection (IEC61000-4-2 Air Gap and Human
Body Model) on transmitter outputs and receiver inputs
(RS-232 pins). Targeted applications are PDAs, Palmtops,
and notebook and laptop computers where the low
operational, and even lower standby power consumption is
critical. Efficient on-chip charge pumps, coupled with manual
and enhanced automatic powerdown functions, reduce the
standby supply current to a 1
µA trickle. TSSOP packaging,
and the use of small, low value capacitors ensure board
space savings as well. Data rates greater than 250kbps are
guaranteed at worst case load conditions.
The ISL83387E features a VL pin that adjusts the logic pin
output levels and input thresholds to values compatible with
the VCC powering the external logic (e.g., a UART).
This device includes an enhanced automatic powerdown
function which powers down the on-chip power-supply and
driver circuits. This occurs when all receiver and transmitter
inputs detect no signal transitions for a period of 30 seconds.
It power back up, automatically, whenever it senses a
transition on any transmitter or receiver input.
Table 1 summarizes the features of the ISL83387E, while
Application Note AN9863 summarizes the features of each
device comprising the 3V RS-232 family.
Features
•VL Supply Pin for Compatibility with Mixed Voltage
Systems
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• Low Power, Pin Compatible Upgrade for MAX3387E
• Manual and Enhanced Automatic Powerdown Features
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• On-Chip Charge Pumps Require Only Four External
0.1
µF Capacitors
• Receivers Stay Active in Powerdown
• Very Low Supply Current . . . . . . . . . . . . . . . . . . . . 300
µA
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Wide Power Supply Range . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State. . . . . . . . . < 1
µA
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Digital Cameras
- PDA’s and PDA Cradles
- Cellular/Mobile Phones
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #.
ISL83387EIV
(83387EIV)
-40 to 85
24 Ld TSSOP
M24.173
ISL83387EIV-T
(83387EIV)
-40 to 85
Tape and Reel M24.173
ISL83387EIVZ (Note)
(83387EIVZ)
-40 to 85
24 Ld TSSOP
(Pb-free)
M24.173
ISL83387EIVZ-T (Note)
(83387EIVZ)
-40 to 85
Tape and Reel
(Pb-free)
M24.173
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
July 8, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2005. All Rights Reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn