Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP654A-GN5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DP654A-GN5
Description  Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DP654A-GN5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DP654A-GN5 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP654A-GN5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACCULEX •
1-888-472-6676
F ax 1-888-210-0119
accule x.com
DP-650A Series
Dimensions
Connections
Pin No.
Pin Name
Description
1
V+
+5V power supply
2
V-
Internal negative supply output
3
NC
No pin
4
TST
Power supply ground
5
COM
Analog Common
6
INLO
Negative input signal
7
INHI
Positive input signal
8
RFL
Negative reference input
9
RFH
Positive reference input
10
ROH
Internal reference output
11
D3
1.XXX decimal point
12
D2
1X.XX decimal point
13
D1
1XX.X decimal point
NOTES:
1.
Mounting studs (2) are #2-56, length 0.5 (13) min.
2.
Backlight power is on 0.50 (12.4) wide x 0.22 (5.4) high tab.
inches (mm)
11


Similar Part No. - DP654A-GN5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP654 ETC1-DP654 Datasheet
109Kb / 2P
   Miniature LCD Display DigitalPanel Meters
More results

Similar Description - DP654A-GN5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM-3102AB MURATA-DM-3102AB Datasheet
3Mb / 11P
   Autoranging 3-1/2 Digit Digital Panel Meters
logo
Murata Power Solutions ...
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM-2100 MURATA-DM-2100 Datasheet
780Kb / 3P
   3-1/2 Digit Low Cost Digital Panel Meter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
DATEL, Inc.
PM-35LC-ADV DATEL-PM-35LC-ADV Datasheet
548Kb / 7P
   LCD Display Digital Panel Meters with Fully-Adjustable Analog Inputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com