Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83082E Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL83082E
Description  -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83082E Datasheet(HTML) 2 Page - Intersil Corporation

  ISL83082E Datasheet HTML 1Page - Intersil Corporation ISL83082E Datasheet HTML 2Page - Intersil Corporation ISL83082E Datasheet HTML 3Page - Intersil Corporation ISL83082E Datasheet HTML 4Page - Intersil Corporation ISL83082E Datasheet HTML 5Page - Intersil Corporation ISL83082E Datasheet HTML 6Page - Intersil Corporation ISL83082E Datasheet HTML 7Page - Intersil Corporation ISL83082E Datasheet HTML 8Page - Intersil Corporation ISL83082E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
FN6085.6
September 12, 2005
Pinouts
ISL83082E, ISL83085E, ISL83088E
(MSOP, SOIC)
TOP VIEW
ISL83080E, ISL83083E, ISL83086E
(SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
Ordering Information (Note 1)
PART NO. (BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL83080EIB
(83080EIB)
-40 to 85
14 Ld SOIC
M14.15
ISL83080EIBZ
(83080EIBZ, Note 2)
-40 to 85
14 Ld SOIC
(Pb-Free)
M14.15
ISL83082EIB
(83082EIB)
-40 to 85
8 Ld SOIC
M8.15
ISL83082EIBZ
(83082EIBZ, Note 2)
-40 to 85
8 Ld SOIC
(Pb-Free)
M8.15
ISL83082EIU (3082E)
-40 to 85
8 Ld MSOP
M8.118
ISL83082EIUZ
(3082Z, Note 2)
-40 to 85
8 Ld MSOP
(Pb-free)
M8.118
ISL83083EIB
(83083EIB)
-40 to 85
14 Ld SOIC
M14.15
ISL83083EIBZ
(83083EIBZ, Note 2)
-40 to 85
14 Ld SOIC
(Pb-Free)
M14.15
ISL83085EIB
(83085EIB)
-40 to 85
8 Ld SOIC
M8.15
ISL83085EIBZ
(83085EIBZ, Note 2)
-40 to 85
8 Ld SOIC
(Pb-Free)
M8.15
ISL83085EIU (3085E)
-40 to 85
8 Ld MSOP
M8.118
ISL83085EIUZ
(3085Z, Note 2)
-40 to 85
8 Ld MSOP
(Pb-free)
M8.118
ISL83086EIB
(83086EIB)
-40 to 85
14 Ld SOIC
M14.15
ISL83086EIBZ
(83086EIBZ, Note 2)
-40 to 85
14 Ld SOIC
(Pb-Free)
M14.15
ISL83088EIB
(83088EIB)
-40 to 85
8 Ld SOIC
M8.15
ISL83088EIBZ
(83088EIBZ, Note 2)
-40 to 85
8 Ld SOIC
(Pb-Free)
M8.15
ISL83088EIU (3088E)
-40 to 85
8 Ld MSOP
M8.118
ISL83088EIUZ
(3088Z, Note 2)
-40 to 85
8 Ld MSOP
(Pb-free)
M8.118
NOTES:
1. Units also available in Tape and Reel; Add “-T” to suffix.
2. Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-
free soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
Ordering Information (Note 1) (Continued)
PART NO. (BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL83080E, ISL83082E, ISL83083E, ISL83085E, ISL83086E, ISL83088E


Similar Part No. - ISL83082E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83082E INTERSIL-ISL83082E Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83082E INTERSIL-ISL83082E Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83082E RENESAS-ISL83082E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83082EIB INTERSIL-ISL83082EIB Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83082EIBZ INTERSIL-ISL83082EIBZ Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83082E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com