Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL83070E Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ISL83070E
Description  -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83070E Datasheet(HTML) 2 Page - Intersil Corporation

  ISL83070E Datasheet HTML 1Page - Intersil Corporation ISL83070E Datasheet HTML 2Page - Intersil Corporation ISL83070E Datasheet HTML 3Page - Intersil Corporation ISL83070E Datasheet HTML 4Page - Intersil Corporation ISL83070E Datasheet HTML 5Page - Intersil Corporation ISL83070E Datasheet HTML 6Page - Intersil Corporation ISL83070E Datasheet HTML 7Page - Intersil Corporation ISL83070E Datasheet HTML 8Page - Intersil Corporation ISL83070E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
FN6115.1
August 5, 2005
Pinouts
ISL83072E, ISL83075E, ISL83078E
(MSOP, SOIC)
TOP VIEW
ISL83071E, ISL83077E
(SOIC)
TOP VIEW
ISL83070E, ISL83073E, ISL83076E
(SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
VCC
RO
DI
GND
1
2
3
4
8
7
6
5
A
B
Z
Y
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
Ordering Information (Notes 1, 2)
PART NO.
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL83070EIBZA
(83070EIBZ)
-40 to 85
14 Ld SOIC
(Pb-Free)
M14.15
ISL83071EIBZA
(83071EIBZ)
-40 to 85
8 Ld SOIC
(Pb-Free)
M8.15
ISL83072EIBZA
(83072EIBZ)
-40 to 85
8 Ld SOIC
(Pb-Free)
M8.15
ISL83072EIUZA
(3072Z)
-40 to 85
8 Ld MSOP
(Pb-Free)
M8.118
ISL83073EIBZA
(83073EIBZ)
-40 to 85
14 Ld SOIC
(Pb-Free)
M14.15
ISL83075EIBZA
(83075EIBZ)
-40 to 85
8 Ld SOIC
(Pb-Free)
M8.15
ISL83075EIUZA
(3075Z)
-40 to 85
8 Ld MSOP
(Pb-Free)
M8.118
ISL83076EIBZA
(83076EIBZ)
-40 to 85
14 Ld SOIC
(Pb-Free)
M14.15
ISL83077EIBZA
(83077EIBZ)
-40 to 85
8 Ld SOIC
(Pb-Free)
M8.15
ISL83078EIBZA
(83078EIBZ)
-40 to 85
8 Ld SOIC
(Pb-Free)
M8.15
ISL83078EIUZA
(3078Z)
-40 to 85
8 Ld MSOP
(Pb-Free)
M8.118
NOTES:
1. Units also available in Tape and Reel; Add “-T” to suffix.
2. Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and
100% matte tin plate termination finish, which are RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
1
0
X
High-Z *
High-Z *
NOTE: *Shutdown Mode (See Note 9), except for ISL83071E/77E
RECEIVING
INPUTS
OUTPUT
RE
DE
Half Duplex
DE
Full Duplex
A-B
RO
00
X
≥ -0.05V
1
00
X
≤ -0.2V
0
0
0
X
Inputs
Open/Shorted
1
1
0
0
X
High-Z *
1
1
1
X
High-Z
NOTE: *Shutdown Mode (See Note 9), except for ISL83071E/77E
ISL83070E, ISL83071E, ISL83072E, ISL83073E, ISL83075E, ISL83076E, ISL83077E, ISL83078E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn