Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP650 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DP650
Description  Miniature LCD Display DigitalPanel Meters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DP650 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DP650 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP650 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DP-650 Series
ACCULEX •
1-888-472-6676
F ax 1-888-210-0119
accule x.com
7
Connections
Pin No.
Pin Name
Description
1
V+
+5V power supply
2
GND
Power supply ground
3
DP COM
Decimal point return
4
DP1
1XX.X (connect to DP COM to turn on)
5
DP2
1X.XX (connect to DP COM to turn on)
6
DP3
1.XXX (connect to DP COM to turn on)
7
INPUT(+)
Positive input signal
8
INPUT(-)
Negative input signal (see Technical Note 1)
9
NC
No connection required
10
HOLD
Hold last display (see Technical Note 2)
Dimensions
Specifications
Display
Digits
3½ (±1999 count)
Type
7-segment LCD
Digit Height
.39in (10mm)
Polarity Indication
Automatic - for neg input
Decimal Point
3 position selectable
Overrange Indication 1--- for positive, -1--- for negative
Other Features/Options
Display hold function
Signal Inputs
Configuration
Bipolar, differential
Full-Scale Input
±200mV, ±2V, ±20V
Input OffsetAdjustment Auto zero
Input Impedance
10M
Ω (±200mV), 1MΩ (other ranges)
Common Mode Range ±1VDC
Common Mode Rejection >86dB
Overrange Protection ±350VDC (±100 VDC for 200mV range)
Input Bias Current
1pA typical, 100pA max
Control Inputs
Decimal point select, hold function
Performance
Sampling Rate
3.3 readings/s
Accuracy ±(0.1% + 2 counts) typ, ±(0.2% + 2 counts) max
Warmup, typical
10 min
Temperature Drift, typical 100 ppm/°C
Power Supply Requirements
Supply Voltage
+5VDC ±5%
Supply Current, typical
3mA
Physical
Package Style
Snap-in bezel mount
Dimensions
2.30 x 1.10 x .71
Panel Cutout
2.22 x 1.04
Weight
0.7oz (20g)
Connector
C-10 (10-pin) optional
Bezel
Snap-in bezel included
Environmental Requirements
Operating Temperature 0 to 50°C
Storage Temperature
-10 to 60°C
Relative Humidity
0 to 95% non-condensing
inches (mm)


Similar Part No. - DP650

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP650A ETC1-DP650A Datasheet
191Kb / 2P
   Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
DP650A-GN5 ETC1-DP650A-GN5 Datasheet
191Kb / 2P
   Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
DP650A-GP5 ETC1-DP650A-GP5 Datasheet
191Kb / 2P
   Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
DP650A-RN5 ETC1-DP650A-RN5 Datasheet
191Kb / 2P
   Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
More results

Similar Description - DP650

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
PM-35LC-ADV DATEL-PM-35LC-ADV Datasheet
548Kb / 7P
   LCD Display Digital Panel Meters with Fully-Adjustable Analog Inputs
logo
M-System Co.,Ltd.
B6ULCD MSYSTEM-B6ULCD Datasheet
86Kb / 2P
   LCD DISPLAY
logo
Hitachi Semiconductor
LM041L HITACHI-LM041L Datasheet
107Kb / 2P
   LCD Display
logo
List of Unclassifed Man...
DP-650A ETC1-DP-650A Datasheet
191Kb / 2P
   Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
logo
SELEC Controls Pvt. Ltd
LXC900 SELEC-LXC900 Datasheet
158Kb / 1P
   Miniature LCD Counter
logo
B&K Precision Corporati...
878B BK-878B Datasheet
1Mb / 8P
   40,000-Count Dual-Display Handheld LCR Meters
logo
PHOENIX CONTACT
1426836 PHOENIX-1426836 Datasheet
208Kb / 4P
   Display - CHARX 4,3 LCD DISPLAY
Nov 3, 2022
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
   LCD Display Drivers
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
   LCD Display Driver
logo
P-tec Corporation
PC4004A-O P-TEC-PC4004A-O Datasheet
32Kb / 2P
   Character LCD Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com