Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL23711WIU10Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL23711WIU10Z
Description  Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23711WIU10Z Datasheet(HTML) 7 Page - Intersil Corporation

  ISL23711WIU10Z Datasheet HTML 1Page - Intersil Corporation ISL23711WIU10Z Datasheet HTML 2Page - Intersil Corporation ISL23711WIU10Z Datasheet HTML 3Page - Intersil Corporation ISL23711WIU10Z Datasheet HTML 4Page - Intersil Corporation ISL23711WIU10Z Datasheet HTML 5Page - Intersil Corporation ISL23711WIU10Z Datasheet HTML 6Page - Intersil Corporation ISL23711WIU10Z Datasheet HTML 7Page - Intersil Corporation ISL23711WIU10Z Datasheet HTML 8Page - Intersil Corporation ISL23711WIU10Z Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN6127.0
August 16, 2005
of 127 individual resistors connected in series. At either end
of the array and between each resistor is an electronic
switch that transfers the potential at that point to the wiper.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the last
position. That is, the counter does not wrap around when
clocked to either extreme.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions.
DCP Description
The DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of the
DCP are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL pins). The RW pin is connected to
intermediate nodes, and is equivalent to the wiper terminal
of a mechanical potentiometer. The position of the wiper
terminal is controlled by a 7-bit volatile Wiper Register (WR).
When the WR contains all zeroes (00h), the wiper terminal
(RW) is closest to its “Low” terminal (RL). When the WR
contains all ones (7Fh), the wiper terminal (RW) is closest to
its “High” terminal (RH). As the value of the WR increases
from all zeroes (0 decimal) to all ones (127 decimal), the
wiper moves monotonically from the position closest to RL to
the position closest to RH. At the same time, the resistance
between RW and RL increases monotonically, while the
resistance between RH and RW decreases monotonically.
While the ISL23711 is being powered up, the WR is reset to
20h (64 decimal), which locates the RW at the center
between RL and RH.
The WR can be read or written directly using the I2C serial
interface as described in the following sections.
Memory Description
• A read operation to address 0 outputs the value of the
volatile WR.
• A write operation to address 0 only writes to the volatile WR.
I2C Serial Interface
The ISL23711 supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the
bus as a transmitter and the receiving device as the receiver.
The device controlling the transfer is a master and the
device being controlled is the slave. The master always
initiates data transfers and provides the clock for both
transmit and receive operations. Therefore, the ISL23711
operates as a slave device in all applications.
All communication over the I2C interface is conducted by
sending the MSB of each byte of data first.
Protocol Conventions
Data states on the SDA line can change only during SCL LOW
periods. SDA state changes during SCL HIGH are reserved for
indicating START and STOP conditions (See Figure 1). On
power-up of the ISL23711 the SDA pin is in the input mode.
All I2C interface operations must begin with a START condition,
which is a HIGH to LOW transition of SDA while SCL is HIGH.
The ISL23711 continuously monitors the SDA and SCL lines for
the START condition and does not respond to any command
until this condition is met (See Figure 1).
All I2C interface operations must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA while
SCL is HIGH (See Figure 1). A STOP condition at the end of
a read operation, or at the end of a write operation to volatile
bytes only places the device in its standby mode.
An ACK, Acknowledge, is a software convention used to
indicate a successful data transfer. The transmitting device,
either master or slave, releases the SDA bus after
transmitting eight bits. During the ninth clock cycle, the
receiver pulls the SDA line LOW to acknowledge the
reception of the eight bits of data (See Figure 2).
The ISL23711 responds with an ACK after recognition of a
START condition followed by a valid Identification Byte, and
once again after successful receipt of an Address Byte. The
ISL23711 also responds with an ACK after receiving a Data
Byte of a write operation. The master must respond with an
ACK after receiving a Data Byte of a read operation
A valid Identification Byte contains 01010 as the five MSBs,
and the following two bits matching the logic values present
at pins A1, and A0. The LSB is in the Read/Write bit. Its
value is “1” for a Read operation, and “0” for a Write
operation. (See Table 1.)
TABLE 1. IDENTIFICATION BYTE FORMAT
Write Operation
A Write operation requires a START condition, followed by a
valid Identification Byte, a valid Address Byte, a Data Byte,
and a STOP condition. After each of the three bytes, the
ISL23711 responds with an ACK.
Read Operation
A Read operation is initiated by a master using the following
sequence: a START, the Identification byte (slave address)
with the R/W bit set to “1”. At the moment of the first
acknowledge by the ISL23711 (slave device), the master-
transmitter becomes a master receiver and receives the data
byte from the slave-transmitter.The Master receives the data
byte and issues a non-acknowledge (SDA is HIGH), then a
STOP to terminate the read operation. Since the ISL 23711
has just one WR, it will transmit only one byte (see Figure 4).
01
0
1
0
A1
A0
R/W
(MSB)
(LSB)
Logic values at pins A1, and A0 respectively
ISL23711


Similar Part No. - ISL23711WIU10Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL23711WIU10Z RENESAS-ISL23711WIU10Z Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
More results

Similar Description - ISL23711WIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL23710 RENESAS-ISL23710 Datasheet
428Kb / 8P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps Up/Down Interface
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com