Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9203 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9203
Description  Li-ion/Li Polymer Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9203 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9203 Datasheet HTML 6Page - Intersil Corporation ISL9203 Datasheet HTML 7Page - Intersil Corporation ISL9203 Datasheet HTML 8Page - Intersil Corporation ISL9203 Datasheet HTML 9Page - Intersil Corporation ISL9203 Datasheet HTML 10Page - Intersil Corporation ISL9203 Datasheet HTML 11Page - Intersil Corporation ISL9203 Datasheet HTML 12Page - Intersil Corporation ISL9203 Datasheet HTML 13Page - Intersil Corporation ISL9203 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6106.0
February 3, 2005
Theory of Operation
The ISL9203 is an integrated charger for single-cell Li-ion or
Li-polymer batteries. The ISL9203 functions as a traditional
linear charger when powered with a voltage-source adapter.
When powered with a current-limited adapter, the charger
minimizes the thermal dissipation commonly seen in
traditional linear chargers.
As a linear charger, the ISL9203 charges a battery in the
popular constant current (CC) and constant voltage (CV)
profile. The constant charge current IREF is programmable
up to 1.5A with an external resistor. The charge voltage VCH
has 1% accuracy over the entire recommended operating
condition range. The charger always preconditions the
battery with 10% of the programmed current at the beginning
of a charge cycle, until the battery voltage is verified to be
above the minimum fast charge voltage, VMIN. This low-
current preconditioning charge mode is named trickle mode.
The verification takes 15 cycles of an internal oscillator
whose period is programmable with the timing capacitor. A
thermal-foldback feature removes the thermal concern
typically seen in linear chargers. The charger reduces the
charge current automatically as the IC internal temperature
rises above 100°C to prevent further temperature rise. The
thermal-foldback feature guarantees safe operation when
the printed circuit board (PCB) is space limited for thermal
dissipation.
The charger offers a safety timer for setting the fast charge
time (TIMEOUT) limit to prevent charging a dead battery for
an extensively long time. The trickle mode is limited to 1/8 of
TIMEOUT.
The charger automatically re-charges the battery when the
battery voltage drops below a recharge threshold. When the
wall adapter is not present, the ISL9203 draws less than 1µA
current from the battery.
Three indication pins are available from the charger to
indicate the charge status. The V2P8 outputs a 2.8V dc
voltage when the input voltage is above the power-on reset
(POR) level and can be used as the power-present
indication. This pin is capable of sourcing a 2mA current, so
it can also be used to bias external circuits.
The STATUS pin is an open-drain logic output that turns
LOW at the beginning of a charge cycle until the end-of-
charge (EOC) condition is qualified. The EOC condition is:
the battery voltage rises above the recharge threshold and
the charge current falls below a user-programmable EOC
current threshold. Once the EOC condition is qualified, the
STATUS output rises to HIGH and is latched. The latch is
released at the beginning of a charge or re-charge cycle.
The open-drain FAULT pin turns low when a charge time
fault occurs or when the IREF pin is pulled below 0.35V or
above 1.4V.
Figure 18 shows the typical charge curves in a traditional
linear charger powered with a constant-voltage adapter.
From the top to bottom, the curves represent the constant
input voltage, the battery voltage, the charge current and the
power dissipation in the charger. The power dissipation PCH
is given by the following equation:
(EQ. 1)
where ICHARGE is the charge current. The maximum power
dissipation occurs during the beginning of the CC mode. The
maximum power the IC is capable of dissipating is
dependent on the thermal impedance of the printed-circuit
board (PCB). Figure 18 shows, with dotted lines, two cases
that the charge currents are limited by the maximum power
dissipation capability due to the thermal foldback.
FIGURE 18. TYPICAL CHARGE CURVES USING A
CONSTANT-VOLTAGE ADAPTER
V
CH
V
MIN
V
IN
I
REF
I
REF/10
P
1
P
2
P
3
Trickle
Mode
Constant Current
Mode
Constant Voltage
Mode
Inhibit
TIMEOUT
Input Voltage
Battery Voltage
Charge Current
Power Dissipation
P
CH
V
IN
V
BAT
() I
CHARGE
=
FIGURE 19. TYPICAL CHARGE CURVES USING A CURRENT-
LIMITED ADAPTER
V
CH
V
MIN
V
IN
I
REF
I
REF/10
P
1
P
2
I
LIM
Trickle
Mode
Constant Current
Mode
Constant Voltage
Mode
Inhibit
TIMEOUT
Input Voltage
Battery Voltage
Charge Current
Power Dissipation
ISL9203


Similar Part No. - ISL9203

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9203A INTERSIL-ISL9203A Datasheet
319Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
394Kb / 21P
   Li-Ion/Li Polymer Battery Charger
Jun.14.19
logo
Intersil Corporation
ISL9203A INTERSIL-ISL9203A Datasheet
322Kb / 14P
   Li-ion/Li Polymer Battery Charger
February 14, 2007
ISL9203ACRZ INTERSIL-ISL9203ACRZ Datasheet
319Kb / 14P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL9203

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com