Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8488E Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL8488E
Description  -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8488E Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL8488E Datasheet HTML 5Page - Intersil Corporation ISL8488E Datasheet HTML 6Page - Intersil Corporation ISL8488E Datasheet HTML 7Page - Intersil Corporation ISL8488E Datasheet HTML 8Page - Intersil Corporation ISL8488E Datasheet HTML 9Page - Intersil Corporation ISL8488E Datasheet HTML 10Page - Intersil Corporation ISL8488E Datasheet HTML 11Page - Intersil Corporation ISL8488E Datasheet HTML 12Page - Intersil Corporation ISL8488E Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6073.3
FIGURE 10. DRIVER PROPAGATION DELAY vs
TEMPERATURE (ISL8488E/89E)
FIGURE 11. DRIVER SKEW vs TEMPERATURE (ISL8488E/89E)
FIGURE 12. DRIVER PROPAGATION DELAY vs
TEMPERATURE (ISL8491E)
FIGURE 13. DRIVER SKEW vs TEMPERATURE
(ISL8491E)
FIGURE 14. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH (ISL8488E/89E)
FIGURE 15. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW (ISL8488E/89E)
Typical Performance Curves VCC = 5V, TA = 25°C; Unless Otherwise Specified (Continued)
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
tPLHY
tPHLY
tPLHZ
tPHLZ
450
500
550
600
650
700
750
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSS PT. OF Y
↑ & Z↓ - CROSS PT. OF Y↓ & Z↑|
0
50
100
150
200
250
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
tPLHY
tPHLZ
tPLHZ
16
18
20
22
24
26
28
30
tPHLY
-40
0
50
85
TEMPERATURE (
°C)
-25
25
75
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSSING PT. OF Y
↑ & Z↓ - CROSSING PT. OF Y↓ & Z↑|
0
1
2
3
4
5
TIME (400ns/DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
0
0
5
DI
RO
Y
Z
5
TIME (400ns/DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
0
0
5
DI
RO
Y
Z
5
ISL8488E, ISL8489E, ISL8491E


Similar Part No. - ISL8488E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8488EIB INTERSIL-ISL8488EIB Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8488EIB RENESAS-ISL8488EIB Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8488EIBZA INTERSIL-ISL8488EIBZA Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8488E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E_07 Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL4489E INTERSIL-ISL4489E Datasheet
477Kb / 12P
   Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E_V01 Datasheet
1Mb / 24P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Rev.6.05 Sep 29, 2023
logo
Intersil Corporation
SL3170E INTERSIL-SL3170E Datasheet
767Kb / 19P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
June 8, 2012
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com