Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43L420 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ISL43L420
Description  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL43L420 Datasheet(HTML) 5 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6098.1
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
-82
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 4)
25
-
68
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 6)
25
-
-98
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 600Ω
25
-
0.003
-
%
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
106
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
212
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+
25
-
23
-
nA
Full
-
720
-
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.5
V
Input Voltage High, VINH
Full
1.4
-
-
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+, (Note 7)
Full
-0.5
-
0.5
µA
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.65V to +2V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Notes 3, 5),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 1.65V, ICOM = 100mA, VNO or VNC = 0V to V+,
(See Figure 5)
25
-
0.45
0.8
Full
-
-
0.85
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.65V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 7)
25
-
18
23
ns
Full
-
-
25
ns
Turn-OFF Time, tOFF
V+ = 1.65V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 7)
25
-
10
15
ns
Full
-
-
18
ns
Break-Before-Make Time Delay, tD
V+ = 2.0V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 3, Note 7)
Full
2
5
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
-44
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 4)
25
-
68
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 6)
25
-
-98
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
106
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
212
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.4
V
Input Voltage High, VINH
Full
1.0
-
-
V
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+, (Note 7)
Full
-0.5
-
0.5
µA
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 3, 5),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ISL43L420


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn