Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3238EIAZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL3238EIAZ
Description  -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3238EIAZ Datasheet(HTML) 3 Page - Intersil Corporation

  ICL3238EIAZ Datasheet HTML 1Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 2Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 3Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 4Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 5Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 6Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 7Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 8Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Typical Operating Circuit
ICL3238E
NOTES:
2. The negative terminal of C3 can be connected to either VCC or GND.
3. For VCC = 3.15V (3.3V -5%), use C1 - C4 = 0.1µF or greater. For VCC = 3.0V (3.3V -10%), use C1 - C4 = 0.22µF.
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1µF
+
0.1µF
+
0.1µF
24
23
5
6
22
7
28
25
27
4
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
1
3
R1OUT
R1IN
8
5k
R2OUT
R2IN
9
20
5k
21
R1OUTB
C1
C2
+
C3
C4
FORCEON
FORCEOFF
13
GND
14
+3.3V
+
0.1µF
16
2
VCC
TTL/CMOS
LOGIC LEVELS
RS-232
LEVELS
RS-232
LEVELS
R1
R2
15
INVALID
TO POWER
CONTROL LOGIC
R3OUT
R3IN
11
18
5k
R3
T4OUT
T4IN
T4
19
10
T5OUT
T5IN
T5
17
12
C3 (OPTIONAL CONNECTION, NOTE 2)
NOTE 3
NOTE 3
ICL3238E


Similar Part No. - ICL3238EIAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3238EIAZ RENESAS-ICL3238EIAZ Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3238EIAZ-T RENESAS-ICL3238EIAZ-T Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results

Similar Description - ICL3238EIAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com