Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43L210 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ISL43L210
Description  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL43L210 Datasheet(HTML) 6 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN6131.0
March 15, 2005
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.4
V
Input Voltage High, VINH
Full
1
-
-
V
Input Current, IINH, IINL
V+ = 1.1V,
VIN = 0V or V+ (Note 8)
Full
-0.5
-
0.5
µA
Electrical Specifications - 1.1V Supply
Test Conditions: V+ = +1.1V, GND = 0V, VINH = 1.0V, VINL = 0.3V (Note 4, 6),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 1.1V, ICOM = 100mA, VNO or VNC = 0.6
(See Figure 5)
25
-
2.8
-
Full
-
3.5
-
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.1V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF
(See Figure 1)
25
-
25
-
ns
Full
-
28
-
ns
Turn-OFF Time, tOFF
V+ = 1.1V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 1)
25
-
7
-
ns
Full
-
10
-
ns
Break-Before-Make Time Delay, tD
V+ = 1.1V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 3)
Full
-
9
-
ns
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
0.4
-
V
Input Voltage High, VINH
Full
-
0.58
-
V
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1V, VINL = 0.4V (Notes 4, 6),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
50%
tr < 5ns
tf < 5ns
tOFF
90%
V+
0V
VNO
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(NO or NC)
RL
RL R ON
()
+
------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
50
35pF
GND
V+
C
ISL43L210


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn