Electronic Components Datasheet Search |
|
ISL43L110IH-T Datasheet(PDF) 11 Page - Intersil Corporation |
|
ISL43L110IH-T Datasheet(HTML) 11 Page - Intersil Corporation |
11 / 11 page 11 All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see www.intersil.com FN6130.0 March 15, 2005 ISL43L110, ISL43L111 Small Outline Transistor Plastic Packages (SC70-5) D e1 E E1 CL C CL e b CL A2 A A1 CL 0.20 (0.008) M 0.10 (0.004) C C -C- SEATING PLANE 4 5 12 3 VIEW C VIEW C L R1 R 4X θ1 4X θ1 GAUGE PLANE L1 SEATING α L2 C PLANE c BASE METAL WITH c1 b1 PLATING b P5.049 5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE SYMBOL INCHES MILLIMETERS NOTES MIN MAX MIN MAX A 0.031 0.043 0.80 1.10 - A1 0.000 0.004 0.00 0.10 - A2 0.031 0.039 0.80 1.00 - b 0.006 0.012 0.15 0.30 - b1 0.006 0.010 0.15 0.25 c 0.003 0.009 0.08 0.22 6 c1 0.003 0.009 0.08 0.20 6 D 0.073 0.085 1.85 2.15 3 E 0.071 0.094 1.80 2.40 - E1 0.045 0.053 1.15 1.35 3 e 0.0256 Ref 0.65 Ref - e1 0.0512 Ref 1.30 Ref - L 0.010 0.018 0.26 0.46 4 L1 0.017 Ref. 0.420 Ref. - L2 0.006 BSC 0.15 BSC α 0o 8o 0o 8o - N5 5 5 R 0.004 - 0.10 - R1 0.004 0.010 0.15 0.25 Rev. 2 9/03 NOTES: 1. Dimensioning and tolerances per ASME Y14.5M-1994. 2. Package conforms to EIAJ SC70 and JEDEC MO-203AA. 3. Dimensions D and E1 are exclusive of mold flash, protrusions, or gate burrs. 4. Footlength L measured at reference to gauge plane. 5. “N” is the number of terminal positions. 6. These Dimensions apply to the flat section of the lead between 0.08mm and 0.15mm from the lead tip. 7. Controlling dimension: MILLIMETER. Converted inch dimen- sions are for reference only. |
Similar Part No. - ISL43L110IH-T |
|
Similar Description - ISL43L110IH-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |