Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43L110 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ISL43L110
Description  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL43L110 Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6130.0
March 15, 2005
Pinouts (Note 1)
ISL43L110 (SC70)
TOP VIEW
ISL43L111 (SC70)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
4
5
1
2
3
COM
NO
GND
V+
IN
4
5
1
2
3
COM
NC
GND
V+
IN
Truth Table
LOGIC
ISL43L110
ISL43L111
0Off
On
1On
Off
NOTE: Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.1V to +4.5V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL43L110IH-T
(CKA)
-40 to 85
5 Ld SC70
Tape and Reel
P5.049
ISL43L110IHZ-T
(CKA)
(See Note)
-40 to 85
5 Ld SC70
Tape and Reel (Pb-Free)
P5.049
ISL43L111IH-T
(CLA)
-40 to 85
5 Ld SC70
Tape and Reel
P5.049
ISL43L111IHZ-T
(CLA)
(See Note)
-40 to 85
5 Ld SC70
Tape and Reel (Pb-Free)
P5.049
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL43L110, ISL43L111


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn