Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43L110 Datasheet(PDF) 11 Page - Intersil Corporation

Part No. ISL43L110
Description  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL43L110 Datasheet(HTML) 11 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6130.0
March 15, 2005
ISL43L110, ISL43L111
Small Outline Transistor Plastic Packages (SC70-5)
D
e1
E
E1
CL
C
CL
e
b
CL
A2
A
A1
CL
0.20 (0.008) M
0.10 (0.004) C
C
-C-
SEATING
PLANE
4
5
12
3
VIEW C
VIEW C
L
R1
R
4X
θ1
4X
θ1
GAUGE PLANE
L1
SEATING
α
L2
C
PLANE
c
BASE METAL
WITH
c1
b1
PLATING
b
P5.049
5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.031
0.043
0.80
1.10
-
A1
0.000
0.004
0.00
0.10
-
A2
0.031
0.039
0.80
1.00
-
b
0.006
0.012
0.15
0.30
-
b1
0.006
0.010
0.15
0.25
c
0.003
0.009
0.08
0.22
6
c1
0.003
0.009
0.08
0.20
6
D
0.073
0.085
1.85
2.15
3
E
0.071
0.094
1.80
2.40
-
E1
0.045
0.053
1.15
1.35
3
e
0.0256 Ref
0.65 Ref
-
e1
0.0512 Ref
1.30 Ref
-
L
0.010
0.018
0.26
0.46
4
L1
0.017 Ref.
0.420 Ref.
-
L2
0.006 BSC
0.15 BSC
α
0o
8o
0o
8o
-
N5
5
5
R
0.004
-
0.10
-
R1
0.004
0.010
0.15
0.25
Rev. 2 9/03
NOTES:
1. Dimensioning and tolerances per ASME Y14.5M-1994.
2. Package conforms to EIAJ SC70 and JEDEC MO-203AA.
3. Dimensions D and E1 are exclusive of mold flash, protrusions,
or gate burrs.
4. Footlength L measured at reference to gauge plane.
5. “N” is the number of terminal positions.
6. These Dimensions apply to the flat section of the lead between
0.08mm and 0.15mm from the lead tip.
7. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn