Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43L110 Datasheet(PDF) 10 Page - Intersil Corporation

Part No. ISL43L110
Description  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL43L110 Datasheet(HTML) 10 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6130.0
March 15, 2005
FIGURE 13. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN-OFF TIME vs SUPPLY VOLTAGE
FIGURE 15. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 16. FREQUENCY RESPONSE
FIGURE 17. OFF ISOLATION
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
57
PROCESS:
Submicron CMOS
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
V+ (V)
1
1.522.533.5
4
4.5
0
10
20
30
40
50
-40°C
85°C
25°C
V+ (V)
1
1.5
2
2.5
3
3.5
4
4.5
4
5
6
7
8
9
10
11
12
25°C
85°C
-40°C
V+ (V)
1
1.5
2
2.5
3
3.5
4
4.5
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
VINH
VINL
FREQUENCY (MHz)
0
-20
GAIN
PHASE
V+ = 1.1V to 4.5V
0
80
160
1
10
100
300
VIN = 0.2VP-P to 2.8VP-P (V+ = 3.0V)
RL = 50Ω
FREQUENCY (Hz)
1K
100K
1M
100M 500M
10K
10M
100
0
10
20
30
40
50
60
70
80
90
V+ = 1.1V to 4.5V
ISL43L110, ISL43L111


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn