Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43L110 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ISL43L110
Description  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL43L110 Datasheet(HTML) 1 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
FN6130.0
ISL43L110, ISL43L111
Ultra Low ON-Resistance, +1.1V to +4.5V
Single Supply, SPST Analog Switches
The Intersil ISL43L110 and ISL43L111 devices are low
ON-resistance, low voltage, bidirectional, single pole/single
throw (SPST) analog switches designed to operate from a
single +1.1V to +4.5V supply. Targeted applications include
battery powered equipment that benefit from low RON
resistance, excellent RON flatness, and fast switching
speeds (tON = 8ns, tOFF = 5ns). The digital logic input is
1.8V CMOS compatible when using a single +3V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This family of parts may be used to
switch in additional functionality while reducing ASIC design
risk. The ISL43L11X are offered in a 5 lead SC70 package,
alleviating board space limitations.
The ISL43L110 has one normally open (NO) switch and
ISL43L111 has one normally closed (NC) switch.
Features
• Pb-Free available (RoHS compliant)
• Drop in replacement for the MAX4715 and MAX4716
• ON resistance (RON)
-VCC = +4.3V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.21Ω
-VCC = +3.0V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.24Ω
-VCC = +1.8V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.45Ω
•RON flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03Ω
• Single supply operation . . . . . . . . . . . . . . . . . +1.1V to +4.5V
• Fast switching action (+3.9V Supply)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5ns
• ESD HBM rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4kV
• 1.8V, CMOS logic compatible (+3V supply)
• 5 lead SC70 packaging
Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
- Pagers
- Laptops, notebooks, palmtops
• Portable test and measurement
• Medical equipment
• Audio and video switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL43L110
ISL43L111
Number of Switches
11
SW
NO
NC
1.8V RON
0.45
0.45
1.8V tON/tOFF
17ns/7ns
17ns/7ns
3V RON
0.24
0.24
3V tON/tOFF
9ns/6ns
9ns/6ns
4.3V RON
0.21
0.21
4.3V tON/tOFF
8ns/5ns
8ns/5ns
Package
5 Ld SC70
Data Sheet
March 15, 2005


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn