Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43L110 Datasheet(PDF) 9 Page - Intersil Corporation

Part No. ISL43L110
Description  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL43L110 Datasheet(HTML) 9 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6130.0
March 15, 2005
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 7. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 8. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 9. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
01
2
345
0.19
0.2
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.3
VCOM (V)
V+ = 3.6V
V+ = 2.7V
V+ = 4.3V
V+ = 3V
ICOM = 100mA
00.5
11.5
2
0
0.5
1
1.5
2
2.5
VCOM (V)
V+ = 1.1V
V+ = 1.8V
V+ = 1.5V
ICOM = 100mA
V+ = 1.62V
0
1
23
45
0.15
0.2
0.25
0.3
VCOM (V)
V+ = 4.3V
ICOM = 100mA
25°C
85°C
-40°C
VCOM (V)
00.5
11.5
22.5
3
V+ = 2.7V
ICOM = 100mA
0.15
0.2
0.25
0.3
0.35
0.4
25°C
85°C
-40°C
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.511.5
2
VCOM (V)
25°C
85°C
-40°C
V+ = 1.8V
ICOM = 10mA
0
123
45
0
20
40
60
80
100
120
140
VCOM (V)
V+ = 1.8V
V+ = 3V
V+ = 4.2V
ISL43L110, ISL43L111


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn