Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL3310E Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ICL3310E
Description  /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3310E Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL3310E Datasheet HTML 2Page - Intersil Corporation ICL3310E Datasheet HTML 3Page - Intersil Corporation ICL3310E Datasheet HTML 4Page - Intersil Corporation ICL3310E Datasheet HTML 5Page - Intersil Corporation ICL3310E Datasheet HTML 6Page - Intersil Corporation ICL3310E Datasheet HTML 7Page - Intersil Corporation ICL3310E Datasheet HTML 8Page - Intersil Corporation ICL3310E Datasheet HTML 9Page - Intersil Corporation ICL3310E Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Capacitor Selection
The charge pumps require 0.1
µF or greater capacitors for
operation with 3.3V
≤ VCC ≤ 5.5V. Increasing the capacitor
values (by a factor of 2) reduces ripple on the transmitter
outputs and slightly reduces power consumption. C2, C3,
and C4 can be increased without increasing C1’s value,
however, do not increase C1 without also increasing C2, C3,
and C4 to maintain the proper ratios (C1 to the other
capacitors).
When using minimum required capacitor values, make sure
that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal
value. The capacitor’s equivalent series resistance (ESR)
usually rises at low temperatures and it influences the
amount of ripple on V+ and V-.
Operation Down to 2.7V
ISL3310E transmitter outputs meet RS-562 levels (±3.7V), at
the full data rate, with VCC as low as 2.7V. RS-562 levels
typically ensure interoperability with RS-232 devices.
Power Supply Decoupling
In most circumstances a 0.1
µF bypass capacitor is
adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a
capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
Transmitter Outputs when Exiting
Powerdown
Figure 5 shows the response of two transmitter outputs
when exiting powerdown mode. As they activate, the two
transmitter outputs properly go to opposite RS-232 levels,
with no glitching, ringing, nor undesirable transients. Each
transmitter is loaded with 3k
Ω in parallel with 2500pF. Note
that the transmitters enable only when the magnitude of the
supplies exceed approximately 3V.
High Data Rates
The ICL3310E maintains the RS-232 ±5V minimum
transmitter output voltages even at high data rates. Figure 6
details a transmitter loopback test circuit, and Figure 7
illustrates the loopback test result at 120kbps. For this test,
all transmitters were simultaneously driving RS-232 loads in
parallel with 1000pF, at 120kbps. Figure 8 shows the
loopback results for a single transmitter driving 1000pF and
an RS-232 load at 250kbps. The static transmitter was also
loaded with an RS-232 receiver.
FIGURE 4. CONNECTIONS FOR MANUAL POWERDOWN
PWR
SHDN
CPU
I/O
ICL3310E
MGT
LOGIC
UART
FIGURE 6. TRANSMITTER LOOPBACK TEST CIRCUIT
TIME (20µs/DIV)
T1
T2
2V/DIV
5V/DIV
VCC = +3.3V
SHDN
FIGURE 5. TRANSMITTER OUTPUTS WHEN EXITING
POWERDOWN
C1 - C4 = 0.1µF
ICL3310E
VCC
C1
C2
C4
C3
+
+
+
+
1000pF
V+
V-
5K
TIN
ROUT
C1+
C1-
C2+
C2-
RIN
TOUT
+
VCC
0.1µF
VCC
SHDN
ICL3310E


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn