Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL3238E Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ICL3238E
Description  -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3238E Datasheet(HTML) 1 Page - Intersil Corporation

  ICL3238E Datasheet HTML 1Page - Intersil Corporation ICL3238E Datasheet HTML 2Page - Intersil Corporation ICL3238E Datasheet HTML 3Page - Intersil Corporation ICL3238E Datasheet HTML 4Page - Intersil Corporation ICL3238E Datasheet HTML 5Page - Intersil Corporation ICL3238E Datasheet HTML 6Page - Intersil Corporation ICL3238E Datasheet HTML 7Page - Intersil Corporation ICL3238E Datasheet HTML 8Page - Intersil Corporation ICL3238E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6012.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ICL3238E
±15kV ESD Protected, +3V to +5.5V, 10nA,
250kbps, RS-232 Transceiver with
Enhanced Automatic Powerdown
The Intersil ICL3238E contains 3.0V to 5.5V powered
RS-232 transmitters/receivers which meet ElA/TIA-232 and
V.28/V.24 specifications, even at VCC = 3.0V. Additionally, it
provides ±15kV ESD protection (IEC61000-4-2 Air Gap and
Human Body Model) on transmitter outputs and receiver
inputs (RS-232 pins). Targeted applications are cell phones,
Palmtops, and data cables where the low operational, and
even lower standby, power consumption is critical. Efficient
on-chip charge pumps, coupled with manual and enhanced
automatic powerdown functions, reduce the standby supply
current to a 10nA trickle. Small footprint packaging, and the
use of small, low value capacitors ensure board space
savings as well. Data rates greater than 250kbps are
guaranteed at worst case load conditions providing
compatibility with popular PC communication software.
The ICL3238E is a 5 driver, 3 receiver device optimized for
DCE applications with full hardware handshaking. It also
includes a noninverting always-active receiver for RING
INDICATOR monitoring.
This device, features an enhanced automatic powerdown
function which powers down the on-chip power-supply and
driver circuits. This occurs when all receiver and transmitter
inputs detect no signal transitions for a period of 30s. The
ICL3238E powers back up, automatically, whenever it
senses a transition on any transmitter or receiver input.
The transmitter and logic inputs include active feedback
resistors that retain the input state once driven to a valid
logic level.
Table 1 summarizes the features of the ICL3238E, while
Application Note AN9863 summarizes the features of each
device comprising the ICL32XXE 3V family.
Features
• Pb-Free Available as an Option (see Ordering Info)
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• Active Feedback Resistors on TX and Logic Inputs.
• Manual and Enhanced Automatic Powerdown Features
• Pin Compatible Replacement for MAX3238E, MAX3238,
SP3238E
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• RS-232 Compatible Outputs at 2.7V Supply
• Flow Through Pinout
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External
Capacitors
• Receiver and Transmitter Hysteresis For Improved Noise
Immunity
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/µs
• Wide Power Supply Range . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State. . . . . . . . . 10nA
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Data Cradles
- Modems, Printers and other Peripherals
- Cellular/Mobile Phones, Data Cables
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
NO. OF
Tx.
NO. OF
Rx.
NO. OF
MONITOR Rx.
(ROUTB)
DATA
RATE
(kbps)
Rx. ENABLE
FUNCTION?
READY
OUTPUT?
MANUAL
POWER-
DOWN?
ENHANCED
AUTOMATIC
POWERDOWN
FUNCTION?
ICL3238E
5
3
1
250
No
No
Yes
Yes
Data Sheet
July 2004


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn