Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL3238E Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ICL3238E
Description  -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3238E Datasheet(HTML) 5 Page - Intersil Corporation

  ICL3238E Datasheet HTML 1Page - Intersil Corporation ICL3238E Datasheet HTML 2Page - Intersil Corporation ICL3238E Datasheet HTML 3Page - Intersil Corporation ICL3238E Datasheet HTML 4Page - Intersil Corporation ICL3238E Datasheet HTML 5Page - Intersil Corporation ICL3238E Datasheet HTML 6Page - Intersil Corporation ICL3238E Datasheet HTML 7Page - Intersil Corporation ICL3238E Datasheet HTML 8Page - Intersil Corporation ICL3238E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ENHANCED AUTOMATIC POWERDOWN (FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to
INVALID High
(Figure 6)
Full
-2.7
-
2.7
V
Receiver Input Thresholds to
INVALID Low
(Figure 6)
Full
-0.3
-
0.3
V
INVALID Output Voltage Low
IOUT = 1.0mA
Full
-
-
0.4
V
INVALID Output Voltage High
IOUT = -1.0mA
Full
VCC-0.6
-
-
V
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
25
-
0.3
-
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
25
-
60
-
µs
Receiver or Transmitter Edge to
Transmitters Enabled Delay (tWU)
(Note 6)
25
-
25
-
µs
Receiver or Transmitter Edge to
Transmitters Disabled Delay
(tAUTOPWDN)
(Note 6)
Full
15
30
60
s
TRANSMITTER OUTPUTS
Output Voltage Swing
All Transmitter Outputs Loaded with 3k
Ω to Ground
Full
±5.0
±5.4
-
V
Output Resistance
VCC = V+ = V- = 0V, Transmitter Output = ±2V
Full
300
10M
-
Output Short-Circuit Current
Full
-
±35
±60
mA
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3V to 5.5V,
Automatic Powerdown or FORCEOFF = GND
Full
-
-
±25
µA
TIMING CHARACTERISTICS
Maximum Data Rate
RL = 3kΩ, CL = 1000pF, One Transmitter Switching
Full
250
500
-
kbps
Receiver Propagation Delay
Receiver Input to Receiver
Output, CL = 150pF
tPHL
25
-
0.15
-
µs
tPLH
25
-
0.15
-
µs
Receiver Output Enable Time
Normal Operation
25
-
150
-
ns
Receiver Output Disable Time
Normal Operation
25
-
300
-
ns
Transmitter Skew
tPHL - tPLH
25
-
50
-
ns
Receiver Skew
tPHL - tPLH
25
-
50
-
ns
Transition Region Slew Rate
VCC = 3.3V,
RL = 3kΩ to 7kΩ,
Measured From 3V to -3V or -3V
to 3V
CL = 150pF to 1000pF
25
6
15
30
V/µs
CL = 150pF to 2500pF
25
4
12
30
V/µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
IEC61000-4-2 Air Gap Discharge
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge
25
-
±8-
kV
Human Body Model
25
-
±15
-
kV
All Other Pins
Human Body Model
25
-
±2.5
-
kV
NOTES:
5. These inputs utilize a positive feedback resistor. The input current is negligible when the input is at either supply rail.
6. An “edge” is defined as a transition through the transmitter or receiver input thresholds.
Electrical Specifications
Test Conditions: VCC = 3.15V to 5.5V, C1 - C4 = 0.1µF; VCC = 3V, C1 - C4 = 0.22µF; Unless Otherwise
Specified. Typicals are at TA = 25
oC (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
ICL3238E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn