Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL3238E Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ICL3238E
Description  -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3238E Datasheet(HTML) 3 Page - Intersil Corporation

  ICL3238E Datasheet HTML 1Page - Intersil Corporation ICL3238E Datasheet HTML 2Page - Intersil Corporation ICL3238E Datasheet HTML 3Page - Intersil Corporation ICL3238E Datasheet HTML 4Page - Intersil Corporation ICL3238E Datasheet HTML 5Page - Intersil Corporation ICL3238E Datasheet HTML 6Page - Intersil Corporation ICL3238E Datasheet HTML 7Page - Intersil Corporation ICL3238E Datasheet HTML 8Page - Intersil Corporation ICL3238E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Typical Operating Circuit
ICL3238E
NOTES:
2. The negative terminal of C3 can be connected to either VCC or GND.
3. For VCC = 3.15V (3.3V -5%), use C1 - C4 = 0.1µF or greater. For VCC = 3.0V (3.3V -10%), use C1 - C4 = 0.22µF.
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1µF
+
0.1µF
+
0.1µF
24
23
5
6
22
7
28
25
27
4
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
1
3
R1OUT
R1IN
8
5k
R2OUT
R2IN
9
20
5k
21
R1OUTB
C1
C2
+
C3
C4
FORCEON
FORCEOFF
13
GND
14
+3.3V
+
0.1µF
16
2
VCC
TTL/CMOS
LOGIC LEVELS
RS-232
LEVELS
RS-232
LEVELS
R1
R2
15
INVALID
TO POWER
CONTROL LOGIC
R3OUT
R3IN
11
18
5k
R3
T4OUT
T4IN
T4
19
10
T5OUT
T5IN
T5
17
12
C3 (OPTIONAL CONNECTION, NOTE 2)
NOTE 3
NOTE 3
ICL3238E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn