Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5503PRI Datasheet(PDF) 3 Page - Intersil Corporation

Part # HC5503PRI
Description  Low Cost SLIC For Large Telecom Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503PRI Datasheet(HTML) 3 Page - Intersil Corporation

  HC5503PRI Datasheet HTML 1Page - Intersil Corporation HC5503PRI Datasheet HTML 2Page - Intersil Corporation HC5503PRI Datasheet HTML 3Page - Intersil Corporation HC5503PRI Datasheet HTML 4Page - Intersil Corporation HC5503PRI Datasheet HTML 5Page - Intersil Corporation HC5503PRI Datasheet HTML 6Page - Intersil Corporation HC5503PRI Datasheet HTML 7Page - Intersil Corporation HC5503PRI Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FN6101.0
2-Wire Return Loss
(Referenced to 600
Ω + 2.16µF), RP = RS = 150Ω
(Note 4)
SRL LO
-
15.5
-
dB
ERL
-24
-
dB
SRL HI
-31
-
dB
Longitudinal Balance
1VRMS 200Hz - 3400Hz, (Note 4) IEEE Method
-40°C
≤ TA ≤ 85°C, RP = RS = 150Ω
2-Wire Off Hook (Note 4)
53
58
-
dB
2-Wire On Hook (Note 4)
53
58
-
dB
4-Wire Off Hook
50
58
-
dB
Insertion Loss
At 1kHz, 0dBm Input Level, Referenced 600
Ω,
RP =RS = 150Ω
2-Wire to 4-Wire, 4-Wire to 2-Wire
-
±0.05
±0.2
dB
Frequency Response
200 - 3400Hz Referenced to Absolute Loss at 1kHz and
0dBm Signal Level, RP = RS = 150Ω (Note 4)
-
±0.02
±0.05
dB
Idle Channel Noise
RP = RS = 150Ω (Note 4)
2-Wire to 4-Wire, 4-Wire to 2-Wire
-1
5
dBrnC
--89
-85
dBm0p
Absolute Delay
RP = RS = 150Ω (Note 4)
2-Wire to 4-Wire, 4-Wire to 2-Wire
--
2
µs
Trans Hybrid Loss
Balance Network Set Up for 600
Ω Termination at 1kHz,
RP = RS = 150Ω (Note 4)
30
40
-
dB
Overload Level
VB+ = +5V, RP = RS = 150Ω (Note 4)
2-Wire to 4-Wire, 4-Wire to 2-Wire
1.5
-
-
VPEAK
Level Linearity
2-Wire to 4-Wire, 4-Wire to 2-Wire (Note 4)
At 1kHz, (Note 4) Referenced to 0dBm Level,
RP = RS = 150Ω
+3 to -40dBm
-
-
±0.05
dB
-40 to -50dBm
-
-
±0.1
dB
-50 to -55dBm
-
-
±0.3
dB
Power Supply Rejection Ratio
RP = RS = 150Ω (Note 4)
30 - 60Hz, RL = 600Ω
VB+ to 2-Wire
15
-
-
dB
VB+ to Transmit
15
-
-
dB
VB- to 2-Wire
15
-
-
dB
VB- to Transmit
15
-
-
dB
VB+ to 2-Wire
200 - 16kHz, RL = 600Ω, RP = RS = 150Ω
30
-
-
dB
VB+ to Transmit
30
-
-
dB
VB- to 2-Wire
30
-
-
dB
VB- to Transmit
30
-
-
dB
Logic Input Current (RS, RC, PD)0V
≤ VIN ≤ 5V
-
-
±100
µA
Logic Inputs
Logic ‘0’ VIL
--
0.8
V
Logic ‘1’ VIH
2.0
-
5.5
V
Logic Outputs
Logic ‘0’ VOL
ILOAD 800µA, VB+ = 5V
-
0.1
0.5
V
Logic ‘1’ VOH
ILOAD 40µA, VB+ = 5V
2.7
-
5.0
V
Electrical Specifications
Unless Otherwise Specified, VB- = -48V, VB+ = 5V, AG = BG = DG = 0V, RP = 50, RS = 100, Typical
Parameters. TA = 25°C. Min-Max Parameters are Over Operating Temperature Range (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HC5503PRI


Similar Part No. - HC5503PRI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503PRC INTERSIL-HC5503PRC Datasheet
106Kb / 9P
   Low Cost SLIC For Large Telecom Switches
December 1999
HC5503PRC INTERSIL-HC5503PRC Datasheet
257Kb / 11P
   Low Cost SLIC For Large Telecom Switches
HC5503PRC INTERSIL-HC5503PRC Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Renesas Technology Corp
HC5503PRC RENESAS-HC5503PRC Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Intersil Corporation
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
106Kb / 9P
   Low Cost SLIC For Large Telecom Switches
December 1999
More results

Similar Description - HC5503PRI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5503PRC RENESAS-HC5503PRC Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Intersil Corporation
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRC INTERSIL-HC5503PRC Datasheet
106Kb / 9P
   Low Cost SLIC For Large Telecom Switches
December 1999
HC5503PRC INTERSIL-HC5503PRC_04 Datasheet
257Kb / 11P
   Low Cost SLIC For Large Telecom Switches
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
   LOW COST SLIC
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
Intersil Corporation
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
   Low Cost 24V SLIC For PABX / Key Systems
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
   Multifunction Telecom Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com