Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PR601 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PR601
Description  High performance NFC integrated reader solution
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR601 Datasheet(HTML) 5 Page - NXP Semiconductors

  PR601 Datasheet HTML 1Page - NXP Semiconductors PR601 Datasheet HTML 2Page - NXP Semiconductors PR601 Datasheet HTML 3Page - NXP Semiconductors PR601 Datasheet HTML 4Page - NXP Semiconductors PR601 Datasheet HTML 5Page - NXP Semiconductors PR601 Datasheet HTML 6Page - NXP Semiconductors PR601 Datasheet HTML 7Page - NXP Semiconductors PR601 Datasheet HTML 8Page - NXP Semiconductors PR601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PR601
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 10 March 2016
219333
5 of 14
NXP Semiconductors
PR601
High performance NFC integrated reader solution
22
RTCXOUT
LPC1227
23
RTCXIN
LPC1227
24
VDDIO
LPC1227
25
VSSIO
LPC1227
26
n.c.
-
27
n.c.
-
28
n.c.
-
29
n.c.
-
30
n.c.
-
31
n.c.
-
32
n.c.
-
33
n.c.
-
34
AVDD
CLRC663
35
AUX1
CLRC663
36
AUX2
CLRC663
37
RXP
CLRC663
38
RXN
CLRC663
39
VMID
CLRC663
40
TX2
CLRC663
41
TVSS
CLRC663
42
GND
CLRC663
43
TX1
CLRC663
44
TVDD
CLRC663
45
XTAL1
CLRC663
46
n.c.
-
47
XTAL2
CLRC663
48
n.c.
-
49
PD
CLRC663
50
n.c.
-
51
CLKOUT
CLRC663
52
SCL
CLRC663
53
SDA
CLRC663
54
PVDD
CLRC663
55
IFSEL0
CLRC663
56
IFSEL1
CLRC663
57
IF0
CLRC663
58
IF1
CLRC663
59
IF2
CLRC663
60
IF3
CLRC663
61
IRQ
CLRC663
62
GND
CLRC663
Table 4.
Pin allocation table …continued
Pin
Symbol
Connection


Similar Part No. - PR601

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
PR60 ETC2-PR60 Datasheet
478Kb / 3P
   60-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
3M Electronics
3M Electronics
PR600 3M-PR600 Datasheet
425Kb / 4P
   3M Scotch-Weld??Plastic and Rubber Instant Adhesives
Diodes Incorporated
Diodes Incorporated
PR6001 DIODES-PR6001 Datasheet
62Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. A1-2
Fuji Electric
Fuji Electric
PR6001 FUJI-PR6001 Datasheet
679Kb / 1P
   6 AMP FAST RECOVERY RECTIFIER
Diodes Incorporated
Diodes Incorporated
PR6001 DIODES-PR6001 Datasheet
97Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. 3 - 2
More results

Similar Description - PR601

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
PR533 NXP-PR533 Datasheet
615Kb / 36P
   USB NFC integrated reader solution
Rev. 3.6-27 October 2014
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
   Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
STMicroelectronics
STMicroelectronics
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
   Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
June 2017 Rev 2
ams AG
ams AG
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
   NFC Initiator / HF Reader IC
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
   NFC Initiator / HF Reader IC
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
   NFC Initiator / HF Reader IC
2016-Jun-13
STMicroelectronics
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
   High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
April 2020
ST25R3911 STMICROELECTRONICS-ST25R3911 Datasheet
123Kb / 3P
   High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT
November 2016 Rev 1
ST25R3914 STMICROELECTRONICS-ST25R3914_V01 Datasheet
172Kb / 3P
   Automotive high performance HF reader / NFC initiator with 1 W output power supporting AAT
June 2019
Micrel Semiconductor
Micrel Semiconductor
KS8695X MICREL-KS8695X_11 Datasheet
344Kb / 39P
   Integrated Multi-Port High-Performance Gateway Solution Rev. 1.03
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz