Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5128 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5128
Description  Dual VCOM Amplifier & Gamma Reference Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5128 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5128 Datasheet HTML 1Page - Intersil Corporation EL5128 Datasheet HTML 2Page - Intersil Corporation EL5128 Datasheet HTML 3Page - Intersil Corporation EL5128 Datasheet HTML 4Page - Intersil Corporation EL5128 Datasheet HTML 5Page - Intersil Corporation EL5128 Datasheet HTML 6Page - Intersil Corporation EL5128 Datasheet HTML 7Page - Intersil Corporation EL5128 Datasheet HTML 8Page - Intersil Corporation EL5128 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Typical Performance Curves
FIGURE 1. INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 2. INPUT OFFSET VOLTAGE DRIFT
FIGURE 3. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 4. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 5. OUTPUT HIGH VOLTAGE vs TEMPERATURE
FIGURE 6. OUTPUT LOW VOLTAGE vs TEMPERATURE
400
1200
INPUT OFFSET VOLTAGE (mV)
0
1800
1600
800
200
1400
1000
600
VS=±5V
TA=25°C
TYPICAL
PRODUCTION
DISTRIBUTION
INPUT OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
10
50
0
70
30
60
40
20
VS=±5V
TYPICAL
PRODUCTION
DISTRIBUTION
0
150
0
5
DIE TEMPERATURE (°C)
-5
50
-50
100
10 VS=±5V
0.0
DIE TEMPERATURE (°C)
-2.0
2.0
0
150
50
-50
100
VS=±5V
4.94
4.95
4.93
4.97
0
150
DIE TEMPERATURE (°C)
50
-50
100
4.96
VS=±5V
IOUT=5mA
-4.95
-4.93
-4.97
-4.91
0
150
DIE TEMPERATURE (°C)
50
-50
100
-4.92
-4.94
-4.96
VS=±5V
IOUT=-5mA
EL5128


Similar Part No. - EL5128

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5128 INTERSIL-EL5128 Datasheet
410Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Renesas Technology Corp
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Intersil Corporation
EL5128CY INTERSIL-EL5128CY Datasheet
410Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Renesas Technology Corp
EL5128CY RENESAS-EL5128CY Datasheet
646Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Intersil Corporation
EL5128CY-T13 INTERSIL-EL5128CY-T13 Datasheet
410Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
More results

Similar Description - EL5128

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Intersil Corporation
EL5128 INTERSIL-EL5128_07 Datasheet
410Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
[Old version datasheet]   LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com