Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1056CM Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL1056CM
Description  Monolithic High-Speed Pin Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1056CM Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL1056CM Datasheet HTML 4Page - Intersil Corporation EL1056CM Datasheet HTML 5Page - Intersil Corporation EL1056CM Datasheet HTML 6Page - Intersil Corporation EL1056CM Datasheet HTML 7Page - Intersil Corporation EL1056CM Datasheet HTML 8Page - Intersil Corporation EL1056CM Datasheet HTML 9Page - Intersil Corporation EL1056CM Datasheet HTML 10Page - Intersil Corporation EL1056CM Datasheet HTML 11Page - Intersil Corporation EL1056CM Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Typical Performance Curves (Continued)
Applications Information
Functional Description
The EL1056 is a fully integrated pin driver for automatic test
systems. Pin drivers are essentially pulse generators whose
high and low levels can be externally programmed and
accurately switched in time, as well as incorporating an
output switch to disconnect the driver from a measurement
bus. Additionally, the EL1056 has programmable slewrate.
Control Voltage Inputs
The analog level inputs are named VINH and VINL, and the
output replicates them as controlled by logic inputs. The
analog inputs are buffered and have bandwidths of 35MHz
and slewrates of 25V/µs. For full slewrate, 4V of headroom
should be given to the inputs, that is VINH should be 4V less
than V+ or B+, and VINL should be 4V more positive than V-
or B-. At lower slewrates (ISR = 500µA or less), 3V of
headroom will suffice. Insufficient headroom causes
distorted output waveforms or delay errors in output
transitions. VINH may be lower in voltage than VINL, but the
output will not follow the control logic correctly. Furthermore,
VINH should be 200mV more positive than VINL (the
minimum output amplitude) for accurate switching.
Mounted Thermal Resistance of
Package vs Airflow Speed
Package Power Dissipation vs
Ambient Temperature
Sense Comparator Delay vs
Overdrive
EL1056 USED IN CMOS AND TTL SYSTEMS
EL1056A, EL1056


Similar Part No. - EL1056CM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1056CM ELANTEC-EL1056CM Datasheet
311Kb / 16P
   Monolithic High-Speed Pin Driver
More results

Similar Description - EL1056CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
   High Speed, Monolithic Pin Driver
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
   High Speed, Monolithic Pin Driver
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
   Monolithic High-Speed Pin Driver
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
   High Speed, Monolithic Pin Driver
September 7, 2010
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL2021 INTERSIL-EL2021 Datasheet
363Kb / 8P
   Monolithic Pin Driver
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
   800MHz Monolithic Pin Driver
September 1998
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com