Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP10T21 Datasheet(PDF) 2 Page - Texas Instruments

Part # VSP10T21
Description  3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP10T21 Datasheet(HTML) 2 Page - Texas Instruments

  VSP10T21 Datasheet HTML 1Page - Texas Instruments VSP10T21 Datasheet HTML 2Page - Texas Instruments VSP10T21 Datasheet HTML 3Page - Texas Instruments VSP10T21 Datasheet HTML 4Page - Texas Instruments VSP10T21 Datasheet HTML 5Page - Texas Instruments VSP10T21 Datasheet HTML 6Page - Texas Instruments VSP10T21 Datasheet HTML 7Page - Texas Instruments VSP10T21 Datasheet HTML 8Page - Texas Instruments VSP10T21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
VSP10T21
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL
CCD ANALOG FRONT END
SLES027 – MARCH 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
23
AVDD
CLAMP
ADCCLK
SR
OBCLP
BLKG
NC
DVDD
MCLK
DVSS
DIVSS
DIVDD
24
23
22
21
20
19
18
17
16
15
14
13
4
37
38
39
40
41
42
43
44
45
46
47
48
RBD
RPD
RMD
AVDD
AVSS
OE
RESET
STBY
SCKP
CS
SDIN
SCLK
56
7
8
35 34 33 32 31
36
30
28 27 26
29
9 10 11 12
25
1
PFB PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
T
PACKAGE
TA
TQFP (PFB)
– 20
°C to 75°C
VSP10T21PFB


Similar Part No. - VSP10T21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
VSP1000DSFR TI1-VSP1000DSFR Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
VSP1000DSFT TI1-VSP1000DSFT Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
[Old version datasheet]   3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
More results

Similar Description - VSP10T21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
[Old version datasheet]   3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
[Old version datasheet]   CCD Analog Front-End with Timing Generator for Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com